Electronic Components Datasheet Search
  English  ▼

X  

MP2481 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2481
Description  1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2481 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2481 Datasheet HTML 1Page - Monolithic Power Systems MP2481 Datasheet HTML 2Page - Monolithic Power Systems MP2481 Datasheet HTML 3Page - Monolithic Power Systems MP2481 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2481-H-01A – 1.2A, 36V, 1.4MHz WHITE LED DRIVER EVAL BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2481-H-01A Rev. 1.01
www.MonolithicPower.com
4
4/28/2012
MPS Proprietary Information. Patent Protected.Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the WLED load to the LED+ and LED- pins on the
EV board, respectively.
2. Preset Power Supply 1 output to between 4.5V and 26V (the maximum input voltage with respect to
INGND should vary with the output load voltage and the maximum voltage stress applied from VIN
to VSS is limited to 36V) and turn off Power Supply 1.
3. Connect the positive terminal of Power Supply 1 output to the VIN pin and the negative terminal to
the INGND pin.
4. Turn on Power Supply 1.
5. Apply the Enable voltage (with respect to INGND) to the EN/DIM pin and drive Enable high to turn
on the chip. When Enable voltage is less than 0.6V, the chip is turned off.
6. To use analog dimming, a variable Power Supply 2 (0.7V to 1.4V) is required. Connect the positive
and negative terminals of Power Supply 2 to the EN/DIM and INGND pins, respectively. By
adjusting the voltage level from 0.7V to 1.4V, the LED current will change from 0% to 100% of the
maximum LED current. If the dimming voltage is higher than 1.4V, the maximum LED current will be
generated.
7. To use PWM dimming, apply a PWM signal with high level greater than 1.4V and low level lower
than 0.5V to the EN/DIM pin. The PWM frequency should be lower than 1 kHz. The WLED
brightness can be linearly controlled by the PWM dimming duty cycle.
For different applications, adjust the related parameters using the following equations:
To adjust the maximum LED current, change the current sensing resistors (R4, R5 and R6 paralleled
net) as:
SENSE
LED
0.200
R
I
=
To adjust the Over Voltage Protection (OVP) point, change R2 as:
OUT
23
(1.3 ~ 1.5) V
R1 R
1.23
×
⎡⎤
=− ×
⎢⎥
⎣⎦
To make sure that the OVP voltage is approximately 1.3~1.5 times higher than the output voltage at
normal operation.
The MP2481 can work in both step down and step up/down mode. There are two jumpers (JP1 and
JP2) on the EV board to change circuit configuration:
JP1
JP2
Mode
Feature
EVB Version
Short
Open
Step Down
Wide input voltage with larger
output current, input voltage is
larger than output LED voltage.
EV2481-H-00A
Open
Short
Step Up/Down
Input voltage can be smaller, larger
than or equal to the output LED
voltage.
EV2481-H-01A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com