Electronic Components Datasheet Search
  English  ▼

X  

MP2481 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2481
Description  1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2481 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2481 Datasheet HTML 1Page - Monolithic Power Systems MP2481 Datasheet HTML 2Page - Monolithic Power Systems MP2481 Datasheet HTML 3Page - Monolithic Power Systems MP2481 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2481-H-01A
1.2A, 36V, 1.4MHz
White LED Driver Buck/Boost Halogen Replacement
Evaluation Board
EV2481-H-01A Rev. 1.01
www.MonolithicPower.com
1
4/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2481-H-01A is a Buck-Boost converter
evaluation board for the MP2481, a wide input
step-up/down converter designed for driving up
to 27 white LEDs. The EV board parameters are
optimized for the load of 3 white LEDs in series,
9 strings paralleled.
The MP2481 is a 1.2A output, 36V white LED
driver suitable for either step-down or inverting
step-up/down applications. It achieves 1.2A peak
output current over a wide input supply range
with excellent load and line regulation. Current
mode operation provides fast transient response
and eases loop stabilization. Fault condition
protection includes thermal shutdown, cycle-by-
cycle peak current limiting, open LED protection
and output short circuit protection.
The MP2481 incorporates both DC and PWM
dimming onto a single control pin. The separate
input reference ground pin allows for direct
enable and/or dimming control for a positive to
negative power conversion.
The MP2481 requires a minimum number of
readily available standard external components
and is available in 8-pin MSOP8 packages.
FEATURES
• Wide 4.5V to 26V Operating Input Range for
Inverting Step-up/down Applications
• Drives up to 27 White LEDs
• Up to 85% Efficiency
• Analog and PWM Dimming
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown Protection
• Open Strings Protection
• Input Over Voltage Protection
• Output short circuit protection
APPLICATIONS
•
WLED Backlights
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5-26
V
# of WLEDs
27(3 in series, 9
strings paralleled)
LED Current
ILED
180
mA
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
EV2481-H-01A EVALUATION BOARD
(L x W x H)2.0” x1.8” x0.2”
(5.0cm x4.5cm x0.5cm)
Board Number
MPS IC Number
EV2481-H-01A
MP2481
Efficiency vs. Input
Step-up/down Application
3 WLEDs, 9 Strings
Voltage
60
65
0
5
10
15
20
25
30
70
75
80
85
90
INPUT VOLTAGE (V)
EVALUATION BOARD SCHEMATIC


Similar Part No. - MP2481

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
MP2481DH MPS-MP2481DH Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
MP2481DH MPS-MP2481DH Datasheet
158Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
More results

Similar Description - MP2481

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Monolithic Power System...
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
logo
Exar Corporation
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Monolithic Power System...
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
EV3412EJ-00A MPS-EV3412EJ-00A Datasheet
149Kb / 4P
1.1A Synchronous Boost White LED Driver Evaluation Board
EV2481-H-00A MPS-EV2481-H-00A Datasheet
158Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
EV3366-C-00A MPS-EV3366-C-00A Datasheet
928Kb / 7P
6 Strings Boost White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com