Electronic Components Datasheet Search
  English  ▼

X  

LD-W5SN Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LD-W5SN
Description  white SMD package, colorless clear silicone resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-W5SN Datasheet(HTML) 3 Page - OSRAM GmbH

  LD-W5SN Datasheet HTML 1Page - OSRAM GmbH LD-W5SN Datasheet HTML 2Page - OSRAM GmbH LD-W5SN Datasheet HTML 3Page - OSRAM GmbH LD-W5SN Datasheet HTML 4Page - OSRAM GmbH LD-W5SN Datasheet HTML 5Page - OSRAM GmbH LD-W5SN Datasheet HTML 6Page - OSRAM GmbH LD-W5SN Datasheet HTML 7Page - OSRAM GmbH LD-W5SN Datasheet HTML 8Page - OSRAM GmbH LD-W5SN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Released
LD W5SN, LB W5SN, LT W5SN
2008-05-19
3
Vergleichstabelle
Correlation Table
Typ
Type
Strahlungsleistung
1) Seite 20
Radiant Power
1) page 20
I
F = 700 mA
Φ
E (mW)
Typische
Strahlungsleistung
2) Seite 20
Typical Radiant Power
2) page 20
IF = 1 A
Φ
E (mW)
LD W5SN-1T2U-35
LD W5SN-3T4U-35
280 ...
560
355 ...
710
525
666
Vergleichstabelle
Correlation Table
Typ
Type
Lichtstrom
1) Seite 20
Luminous
Flux
1) page 20
IF = 700 mA
Φ
V (mlm)
Typischer Lichtstrom
2) Seite 20
Typical Luminous
Flux
2) page 20
IF = 1 A
Φ
V (mlm)
LB W5SN-FZHX-25
LB W5SN-GZJX-35
15.000 ... 33.000
24.000 ... 52.000
30.000
47.500
LT W5SN-JYKZ-25
LT W5SN-KXKZ-25
52.000 ... 112.000
71.000 ... 112.000
108.000
120.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com