Electronic Components Datasheet Search
  English  ▼

X  

LE-B-Q8WP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LE-B-Q8WP
Description  compact lightsource in SMT technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-B-Q8WP Datasheet(HTML) 1 Page - OSRAM GmbH

  LE-B-Q8WP Datasheet HTML 1Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 2Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 3Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 4Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 5Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 6Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 7Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 8Page - OSRAM GmbH LE-B-Q8WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-08-04
1
2017-08-04
OSRAM OSTAR Projection Compact
Datasheet
Version 1.8
LE B Q8WP
Compact light source in SMT technology, glass
window on top, RoHS compliant
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Features:
Besondere Merkmale:
•
Package: compact lightsource in SMT technology
with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: blue (459 nm)
•
Farbe: blau (459 nm)
Applications
Anwendungen
•
Projection
•
Projektion
•
Headup Display
•
Headup Display


Similar Part No. - LE-B-Q8WP

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LE-B-Q8WP AMSOSRAM-LE-B-Q8WP Datasheet
2Mb / 23P
OSRAM OSTAR™ Projection Compact
2025-05-27
LE-B-Q8WP-AM AMSOSRAM-LE-B-Q8WP-AM Datasheet
1Mb / 22P
OSRAM OSTAR™ Projection Compact
2025-06-23
More results

Similar Description - LE-B-Q8WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2WJAKB-1 OSRAM-LERTDUWS2WJAKB-1 Datasheet
1Mb / 23P
Compact lightsource in SMT technology
LERTDUWS2WNKBLA-1 OSRAM-LERTDUWS2WNKBLA-1 Datasheet
2Mb / 25P
Compact lightsource in SMT technology
LERTDUWS2WPKBMA-1 OSRAM-LERTDUWS2WPKBMA-1 Datasheet
1Mb / 24P
Compact lightsource in SMT technology
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-BA-Q6WM OSRAM-LE-BA-Q6WM Datasheet
754Kb / 18P
compact lightsource in SMT
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-BR-Q7WM OSRAM-LE-BR-Q7WM Datasheet
719Kb / 18P
compact lightsource in SMT
LE-CW-S2LN OSRAM-LE-CW-S2LN Datasheet
531Kb / 22P
compact lightsource in multi chip SMT technology with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com