Electronic Components Datasheet Search
  English  ▼

X  

LTM4623 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4623
Description  Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4623 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4623 Datasheet HTML 16Page - Linear Technology LTM4623 Datasheet HTML 17Page - Linear Technology LTM4623 Datasheet HTML 18Page - Linear Technology LTM4623 Datasheet HTML 19Page - Linear Technology LTM4623 Datasheet HTML 20Page - Linear Technology LTM4623 Datasheet HTML 21Page - Linear Technology LTM4623 Datasheet HTML 22Page - Linear Technology LTM4623 Datasheet HTML 23Page - Linear Technology LTM4623 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTM4623
20
4623fc
For more information www.linear.com/LTM4623
applicaTions inForMaTion
Table 7. Output Voltage Response vs Component Matrix (Refer to Figure 24)
CIN
PART NUMBER
VALUE
COUT1
PART NUMBER
VALUE
Murata
GRM21BR61E106KA73L
10µF, 25V, 0805, X5R
Murata
GRM21BR60J476ME15
47µF, 6.3V, 0805, X5R
Taiyo Yuden
TMK212BBJ106KG-T
10µF, 25V, 0805, X5R
Taiyo Yuden
JMK212BJ476MG-T
47µF, 6.3V, 0805, X5R
Murata
GRM31CR61C226ME15L
22µF, 25V, 1206, X5R
Taiyo Yuden
TMK316BBJ226ML-T
22µF, 25V, 1206, X5R
VOUT
(V)
CIN
(CERAMIC)
(µF)
COUT1
(CERAMIC)
(µF)
CFF
(pF)
VIN
(V)
DROOP
(mV)
P-P DERIVATION
(mV)
RECOVERY
TIME (µs)
LOAD
STEP (A)
LOAD STEP
SLEW RATE
(A/µs)
RFB
(kΩ)
FREQ
(MHz)
1
10
47
100
5, 12
1
59
40
1
1
90.9
1
1.2
10
47
100
5, 12
1
59
40
1
1
60.4
1
1.5
10
47
100
5, 12
1
66
40
1
1
40.2
1
1.8
10
47
100
5, 12
1
75
40
1
1
30.1
1
2.5
10
47
100
5, 12
2
108
50
1
1
19.1
1
3.3
10
47
100
5, 12
3
111
60
1
1
13.3
2
5
10
47
100
12
5
156
60
1
1
8.25k
2
Safety Considerations
The LTM4623 modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure. The device does support thermal
shutdown and overcurrent protection.
Layout Checklist/Example
The high integration of LTM4623 makes the PCB board
layoutverysimpleandeasy.However,tooptimizeitselectri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high frequency noise.
• Placeadedicatedpowergroundlayerunderneaththeunit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put via directly on the pad, unless they are
capped or plated over.
Table 5. 3.3V Output, No Heat Sink
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA(°C/W)
Figures 18, 19, 20
5, 12, 16
Figure 10
0
None
25
Figures 18, 19, 20
5, 12, 16
Figure 10
200
None
22
Figures 18, 19, 20
5, 12, 16
Figure 10
400
None
22
Table 6. 5V Output, No Heat Sink
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA(°C/W)
Figures 21, 22
12, 16
Figure 11
0
None
25
Figures 21, 22
12, 16
Figure 11
200
None
22
Figures 21, 22
12, 16
Figure 11
400
None
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com