Electronic Components Datasheet Search
  English  ▼

X  

LTM4623 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4623
Description  Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4623 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4623 Datasheet HTML 18Page - Linear Technology LTM4623 Datasheet HTML 19Page - Linear Technology LTM4623 Datasheet HTML 20Page - Linear Technology LTM4623 Datasheet HTML 21Page - Linear Technology LTM4623 Datasheet HTML 22Page - Linear Technology LTM4623 Datasheet HTML 23Page - Linear Technology LTM4623 Datasheet HTML 24Page - Linear Technology LTM4623 Datasheet HTML 25Page - Linear Technology LTM4623 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4623
22
4623fc
For more information www.linear.com/LTM4623
applicaTions inForMaTion
VIN
SVIN
RUN
INTVCC
MODE
PHMODE
TRACK/SS
PGOOD
LTM4623
CLKIN
VOUT
10µF
25V
×2
47µF
4V
×2
20.1k
VIN
4V TO 20V
VOUT
1.5V
6A
FB
COMP
GND
4623 F22
SGND
CLKOUT
FREQ
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
PHMODE
TRACK/SS
PGOOD
LTM4623
CLKIN CLKOUT
FREQ
VOUT
FB
COMP
GND
SGND
Figure 26. 4VIN to 20VIN, Two Phases, 1.5V at 6A Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com