Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2884 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM2884 Datasheet HTML 2Page - Linear Technology LTM2884 Datasheet HTML 3Page - Linear Technology LTM2884 Datasheet HTML 4Page - Linear Technology LTM2884 Datasheet HTML 5Page - Linear Technology LTM2884 Datasheet HTML 6Page - Linear Technology LTM2884 Datasheet HTML 7Page - Linear Technology LTM2884 Datasheet HTML 8Page - Linear Technology LTM2884 Datasheet HTML 9Page - Linear Technology LTM2884 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM2884
6
2884fb
For more information www.linear.com/LTM2884
Typical perForMance characTerisTics
Low Speed Differential Jitter
VCC2 Output Current
vs Temperature
VCC to VCC2 Efficiency and Power
Loss
VCC Input Current
vs VCC2 Output Current
VCC2 Output Voltage
vs Load Current
Full Speed Propagation Delay
vs Temperature
Low Speed Propagation Delay
vs Temperature
Full Speed Differential Jitter
TA = 25°C, VCC = 5V, VBUS = 5V, GND = GND2 = 0V,
ON = 3.3V, unless otherwise noted.
TEMPERATURE (°C)
–50
100
95
75
90
85
80
70
50
0
100
2884 G01
125
25
–25
75
CLOAD = 120pF
TEMPERATURE (°C)
–50
250
240
230
220
210
200
50
0
100
2884 G02
125
25
–25
75
CLOAD = 120pF
10ns/DIV
1V/DIV
2884 G03
JITTER 1.4nsP-P
D1
D1+
D2
D2+
50ns/DIV
1V/DIV
2884 G04
JITTER 7.5nsP-P
D1+
D1
D2+
D2
TEMPERATURE (°C)
–50
800
600
700
500
400
300
200
50
0
100
2884 G05
125
25
–25
75
VCC = 12V
VCC = 5V
VCC2 = 4.75V
OUTPUT CURRENT (A)
0
450
350
400
300
150
200
100
250
50
0
0.2
0.6
2884 G07
0.8
0.4
VCC = 12V
VCC = 5V
LOAD CURRENT (A)
0
5.25
4.75
5.00
4.50
4.25
4.00
0.4
0.2
0.8
2884 G08
1.0
0.6
VCC = 5V
VCC = 4.4V
VCC = 8.1V
VCC = 12V
IOUT (A)
0
70
50
60
40
30
20
0
1.4
1.2
0.8
1.0
0.6
0.4
0.2
0
0.2
0.6
2884 G06
0.8
0.4
VCC = 5V
VCC = 5V
VCC = 12V
VCC = 12V
POWER LOSS
EFFICIENCY
Derating for 125°C Maximum
Internal Operating Temperature
TEMPERATURE (°C)
25
0.55
0.45
0.50
0.40
0.25
0.15
0.20
0.35
0.30
0.10
0.05
0
45
35
55
75
65
95
85
115
2884 G09
125
105
VBUS – VCC = 5V
VBUS – VCC = 8.6V
VBUS – VCC = 12V
VBUS – VCC = 16.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com