Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2884 Datasheet(HTML) 5 Page - Linear Technology

  LTM2884 Datasheet HTML 1Page - Linear Technology LTM2884 Datasheet HTML 2Page - Linear Technology LTM2884 Datasheet HTML 3Page - Linear Technology LTM2884 Datasheet HTML 4Page - Linear Technology LTM2884 Datasheet HTML 5Page - Linear Technology LTM2884 Datasheet HTML 6Page - Linear Technology LTM2884 Datasheet HTML 7Page - Linear Technology LTM2884 Datasheet HTML 8Page - Linear Technology LTM2884 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM2884
5
2884fb
For more information www.linear.com/LTM2884
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not production tested.
Note 3: This µModule transceiver includes over temperature protection
that is intended to protect the device during momentary overload
conditions. Junction temperature will exceed 125°C when over
temperature protection is active. Continuous operation above specified
maximum operating junction temperature may result in device degradation
or failure.
Note 4: Maximum data rate is guaranteed by other measured parameters
and is not directly tested.
Note 5: Device considered a 2-terminal device. Measurement between
groups of pins A1 through B11 shorted together and pins K1 through L11
shorted together.
Note 6: The rated dielectric insulation voltage should not be interpreted as
a continuous voltage rating.
Note 7: In accordance with UL1577, each device is proof tested for the
2500VRMS rating by applying the equivalent positive and negative peak
voltage multiplied by an acceleration factor of 1.2 for one second.
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com