Electronic Components Datasheet Search
  English  ▼

X  

AH1NASOG12 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # AH1NASOG12
Description  Illuminated Pushbutton - 19mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AH1NASOG12 Datasheet(HTML) 2 Page - CIT Relay & Switch

  AH1NASOG12 Datasheet HTML 1Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 2Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 3Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 4Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
AH
Illuminated Pushbutton - 19mm
Dimensions
2.75 X 0.50 TYP
[.11 X .02]
M19x1.0
25.20
[.99]
22.00
[.87]
Ø21.80
[.86]
2.00
[.08]
24.00
[.94]
11.45 MAX
[.45]
7.75
[.31]
2.75 X 0.50 TYP
[.11 X .02]
M19x1.0
21.80
[.86]
22.00
[.87]
25.20
[.99]
Ø15.40
[.61]
ILLUMINATED
RING
Ø11.60
[.46]
24.00
[.94]
2.00
[.08]
7.75
[.31]
8.75
[.34]
11.45 MAX
[.45]
2.75 X 0.50 TYP
[.11 X .02]
M19x1.0
22.00
[.87]
25.20
[.99]
Ø9.00
[.35]
ILLUMINATED
DOT
Ø21.80
[.86]
7.75
[.31]
8.75
[.34]
24.00
[.94]
2.00
[.08]
11.45 MAX
[.45]
AB
C
2.75 X 0.50 TYP
[.11 X .02]
M19x1.0
22.00
[.87]
25.20
[.99]
Ø15.40
[.61]
ILLUMINATED
RING
Ø8.44
[.33]
ILLUMINATED
SYMBOL
Ø21.80
[.86]
11.45 MAX
[.45]
7.75
[.31]
8.75
[.34]
24.00
[.94]
2.00
[.08]
2.75 X 0.50 TYP
[.11 X .02]
M19x1.0
24.00
[.94]
2.00
[.08]
Ø33.05
[1.30]
21.80
[.86]
13.00 MAX
[.51]
7.75
[.31]
12.61
[.50]
GMR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com