Electronic Components Datasheet Search
  English  ▼

X  

AH1NASOG12 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # AH1NASOG12
Description  Illuminated Pushbutton - 19mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AH1NASOG12 Datasheet(HTML) 1 Page - CIT Relay & Switch

  AH1NASOG12 Datasheet HTML 1Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 2Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 3Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 4Page - CIT Relay & Switch AH1NASOG12 Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Illuminated Pushbutton - 19mm
AH
1. Series
AH
1
N
A
S
AH
2. Number of Poles
1 = SPST NO +SPST NC
3. Latching Option
N = Momentary
4. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
G = Flush actuator, ring illuminated, international standby symbol and ring
MR = Mushroom actuator, red anodized aluminum
5. Switch Finish
S = Stainless Steel
B = Black Anodized Aluminum
G = Green Anodized Aluminum
R = Red Anodized Aluminum
U = Blue Anodized Aluminum
Y = Yellow Anodized Aluminum
6. First LED Color
Blank = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
O = Orange
7. Second LED Color
Blank = No LED
R = Red
Y = Yellow
G = Green
B = Blue
O = Orange
**For bi-color LED option, White not available
8. LED Voltage
Blank = No LED
6 = 6VDC
12 = 12VDC
24 = 24VDC
110 = 110VAC
220 = 220VAC
N = No internal resistor in series with the LED
Actuation Force
550 ±50gF
Actuation Travel
2.5 ± .3mm
Dielectric Strength
2000Vrms min contact to contact
2000Vrms min contact to LED
Insulation Resistance
≥ 100MΩ min
Operating Temperature -25ºC to 70ºC
Storage Temperature
-25ºC to 70ºC
Electrical Ratings
1A @ 24VDC
1A @ 125VAC
0.5A @ 250VAC
Sealing Degree
IP65
Electrical Life
50,000 cycles typical
Contact Resistance
≤ 50mΩ initial
Actuator
Stainless Steel, Black Anodized Aluminum
LED Lens
Polycarbonate (PC)
Threaded Body
Stainless Steel, Black Anodized Aluminum
Terminal Support
Polybutylene Terephthalate (PBT)
Inner Switch Body
Polycarbonate (PC)
Contacts
Silver Alloy
Terminals
Tin Plated Brass, Epoxy Sealed
Hardware
One Hex Nut & One “O” Ring Supplied
Materials
Ordering Information
Specifications
RoHS Compliant
s
s
R


Similar Part No. - AH1NASOG12

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
AH1NASO CIT-AH1NASO Datasheet
159Kb / 2P
CIT SWITCH
More results

Similar Description - AH1NASOG12

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
BH16NRSZ12 CIT-BH16NRSZ12 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com