Electronic Components Datasheet Search
  English  ▼

X  

LTM4622EY Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4622EY
Description  Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622EY Datasheet(HTML) 1 Page - Linear Technology

  LTM4622EY Datasheet HTML 1Page - Linear Technology LTM4622EY Datasheet HTML 2Page - Linear Technology LTM4622EY Datasheet HTML 3Page - Linear Technology LTM4622EY Datasheet HTML 4Page - Linear Technology LTM4622EY Datasheet HTML 5Page - Linear Technology LTM4622EY Datasheet HTML 6Page - Linear Technology LTM4622EY Datasheet HTML 7Page - Linear Technology LTM4622EY Datasheet HTML 8Page - Linear Technology LTM4622EY Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4622
1
Rev F
For more information www.analog.com
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Ultrathin 2.5A or Single 5A
Step-Down DC/DC µModule Regulator
The LTM®4622 is a complete dual 2.5A step-down switch-
ing mode µModule® (powermodule) regulator in a tiny
ultrathin 6.25mm × 6.25mm × 1.82mm LGA and 6.25mm
× 6.25mm × 2.42mm BGA packages. Included in the pack-
age are the switching controller, power FETs, inductor and
support components. Operating over an input voltage
range of 3.6V to 20V, the LTM4622 supports an output
voltage range of 0.6V to 5.5V, set by a single external
resistor. Its high efficiency design delivers dual 2.5A con-
tinuous, 3A peak, output current. Only a few ceramic input
and output capacitors are needed.
The LTM4622 supports selectable Burst Mode operation
and output voltage tracking for supply rail sequencing.
Its high switching frequency and current mode control
enable a very fast transient response to line and load
changes without sacrificing stability.
Fault protection features include input overvoltage, output
overcurrent and overtemperature protection.
The LTM4622 is available with SnPb (BGA) or RoHS com-
pliant terminal finish.
1.5V and 1V Dual Output DC/DC Step-Down µModule Regulator
1.5V Output Efficiency vs Load Current
APPLICATIONS
n
Complete Solution in <1cm2
n
Wide Input Voltage Range: 3.6V to 20V
n
3.3V Input Compatible with VIN Tied to INTVCC
n
0.6V to 5.5V Output Voltage
n
Dual 2.5A (3A Peak) or Single 5A Output Current
n
±1.5% Maximum Total Output Voltage Regulation
Error Over Load, Line and Temperature
n
Current Mode Control, Fast Transient Response
n
External Frequency Synchronization
n
Multiphase Parallelable with Current Sharing
n
Output Voltage Tracking and Soft-Start Capability
n
Selectable Burst Mode® Operation
n
Overvoltage Input and Overtemperature Protection
n
Power Good Indicators
n
6.25mm × 6.25mm × 1.82mm LGA and 6.25mm ×
6.25mm × 2.42mm BGA Packages
n
General Purpose Point-of-Load Conversion
n
Telecom, Networking and Industrial Equipment
n
Medical Diagnostic Equipment
n
Test and Debug Systems
LOAD CURRENT (A)
0
80
85
90
3
4622 TA01b
75
70
60
65
0.5
1.0
1.5
2.0
2.5
95
VIN = 5V
VIN = 12V
90.9k
4622 TA01a
4.7µF
25V
VIN
3.6V TO 20V
VOUT1
1V, 2.5A
47µF
VOUT1
VOUT2
1.5V, 2.5A
47µF
VOUT2
FB1
COMP1
COMP2
GND
LTM4622
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
FREQ
40.2k
FB2
Document Feedback


Similar Part No. - LTM4622EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4622EV LINER-LTM4622EV Datasheet
691Kb / 6P
Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
More results

Similar Description - LTM4622EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4622 LINER-LTM4622_15 Datasheet
774Kb / 26P
Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4622EV LINER-LTM4622EV Datasheet
691Kb / 6P
Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com