Electronic Components Datasheet Search
  English  ▼

X  

LTM4622EY Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4622EY
Description  Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622EY Datasheet(HTML) 3 Page - Linear Technology

  LTM4622EY Datasheet HTML 1Page - Linear Technology LTM4622EY Datasheet HTML 2Page - Linear Technology LTM4622EY Datasheet HTML 3Page - Linear Technology LTM4622EY Datasheet HTML 4Page - Linear Technology LTM4622EY Datasheet HTML 5Page - Linear Technology LTM4622EY Datasheet HTML 6Page - Linear Technology LTM4622EY Datasheet HTML 7Page - Linear Technology LTM4622EY Datasheet HTML 8Page - Linear Technology LTM4622EY Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4622
3
Rev F
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full internal
operating temperature range (Note 2). Specified as each individual output channel at TA = 25°C, VIN = 12V, unless otherwise noted per
the typical application shown in Figure 24.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: per Channel
VIN
Input DC Voltage
l
3.6
20
V
VIN_3.3
3.3V Input DC Voltage
VIN = INTVCC
l
3.1
3.3
3.5
V
VOUT(RANGE)
Output Voltage Range
VIN = 3.6V to 20V
l
0.6
5.5
V
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 22µF, COUT = 100µF Ceramic, RFB = 40.2k,
MODE = INTVCC,VIN = 3.6V to 20V, IOUT = 0A to 2.5A
l
1.477
1.50
1.523
V
VRUN
RUN Pin On Threshold
RUN Threshold Rising
RUN Threshold Falling
1.20
0.97
1.27
1.00
1.35
1.03
V
V
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, MODE = GND
VIN = 12V, VOUT = 1.5V, MODE = INTVCC
Shutdown, RUN1 = RUN2 = 0
11
500
45
mA
µA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 2.5A
0.35
A
IOUT(DC)
Output Continuous Current Range VIN = 12V, VOUT = 1.5V (Note 3)
l
0
2.5
A
ΔVOUT (Line)/VOUT Line Regulation Accuracy
VOUT = 1.5V, VIN = 3.6V to 20V, IOUT = 0A
l
0.01
0.1
%/V
ΔVOUT (Load)/VOUT Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 2.5A
l
0.2
1.0
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
5
mV
ΔVOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
30
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, No Load, TRACK/SS = 0.01µF,
VIN = 12V, VOUT = 1.5V
4.3
ms
ΔVOUTLS
Peak Deviation for Dynamic Load Load: 0% to 50% to 0% of Full Load, COUT = 100µF
Ceramic, VIN = 12V, VOUT = 1.5V
100
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load, COUT = 100µF
Ceramic, VIN = 12V, VOUT = 1.5V
20
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
3
4
A
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V
l
0.592
0.60
0.608
V
IFB
Current at FB Pin
(Note 4)
±30
nA
RFBHI
Resistor Between VOUT and FB
Pins
60.00
60.40
60.80
kΩ
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V
1.4
µA
tSS
Internal Soft-Start Time
10% to 90% Rise Time (Note 4)
400
700
μs
tON(MIN)
Minimum On-Time
(Note 4)
20
ns
tOFF(MIN)
Minimum Off-Time
(Note 4)
45
ns
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–8
8
–14
14
%
%
RPGOOD
PGOOD Pull-Down Resistance
1mA Load
20
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com