Electronic Components Datasheet Search
  English  ▼

X  

LTM4631 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4631
Description  Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4631 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4631 Datasheet HTML 18Page - Linear Technology LTM4631 Datasheet HTML 19Page - Linear Technology LTM4631 Datasheet HTML 20Page - Linear Technology LTM4631 Datasheet HTML 21Page - Linear Technology LTM4631 Datasheet HTML 22Page - Linear Technology LTM4631 Datasheet HTML 23Page - Linear Technology LTM4631 Datasheet HTML 24Page - Linear Technology LTM4631 Datasheet HTML 25Page - Linear Technology LTM4631 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTM4631
22
4631fb
For more information www.linear.com/LTM4631
simulated various operating conditions in the software
model, a thorough laboratory evaluation replicates the
simulated conditions with thermocouples within a con-
trolled-environment chamber while operating the device
at the same power loss as that which was simulated. An
outcome of this process and due-diligence yields a set
of derating curves provided in other sections of this data
sheet. After these laboratory test have been performed
and correlated to the µModule model, then the θJB and
θBA are summed together to correlate quite well with the
µModule model with no airflow or heat sinking in a prop-
erly define chamber. This θJB + θBA value is shown in the
Pin Configuration section and should accurately equal the
θJA value because approximately 100% of power loss
flows from the junction through the board into ambient
with no airflow or top mounted heat sink. Each system has
its own thermal characteristics, therefore thermal analysis
must be performed by the user in a particular system.
The LTM4631 module has been designed to effectively
remove heat from both the top and bottom of the pack-
age. The bottom substrate material has very low thermal
resistance to the printed circuit board. An external heat
sink can be applied to the top of the device for excellent
heat sinking with airflow.
Figures 10 and 11 show temperature plots of the LTM4631
doing a paralleled 12V to 1.0V at 20A design with no air-
flow and 12V to 1.8V at 20A design with 200LFM airflow.
applicaTions inForMaTion
Safety Considerations
The LTM4631 modules do not provide isolation from VIN
to VOUT. There is no internal fuse. If required, a slow blow
fuse with a rating twice the maximum input current needs
to be provided to protect each unit from catastrophic fail-
ure. The device does support over current protection. A
temperature diode is provided for monitoring internal
temperature, and can be used to detect the need for ther-
mal shutdown that can be done by controlling the RUN
pin.
Power Derating
The 1.0V and 1.5V power loss curves in Figures 13 and 14
can be used in coordination with the load current derating
curves in Figures 15 to 22 for calculating an approximate
ΘJA thermal resistance for the LTM4631 with various heat
sinking and airflow conditions. The power loss curves are
taken at room temperature, and are increased with a 1.20
multiplicative factor at 125°C.
The derating curves are plotted with CH1 and CH2 in
parallel single output operation starting at 20A of load
with low ambient temperature. The output voltages are
1.0V and 1.5V. These are chosen to include the lower
and higher output voltage ranges for correlating the ther-
mal resistance. Thermal models are derived from several
temperature measurements in a controlled temperature
chamber along with thermal modeling analysis.
Figure 10. Thermal Image 12V to 1.0V,
20A with No Air Flow and No Heat Sink
Figure 11. Thermal Image 12V to 1.8V,
20A with 200LFM and No Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com