Electronic Components Datasheet Search
  English  ▼

X  

LE-RTDUW-S2W Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LE-RTDUW-S2W
Description  compact lightsource in SMT technology with glass window on top
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUW-S2W Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LE-RTDUW-S2W Datasheet HTML 2Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 3Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 4Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 5Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 6Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 7Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 8Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 9Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2017-06-26
6
Version 2.1 (not for new design)
LE RTDUW S2W
Farbortgruppen
3) Seite 23
Chromaticity coordinate groups
3) page 23 ; ultra white
Gruppe
Group
Cx
Cy
CQ
0.3190
0.3507
0.3267
0.3370
0.3107
0.3043
0.3020
0.3178
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: JB-1+LA-3+4U-3+LB-CQ
Example: JB-1+LA-3+4U-3+LB-CQ
Emissionsfarbe
Color of Emission
Helligkeitsgruppe
Brightness Group
Wellenlänge
Wavelength
Farbort
color coordinate
red
JB
1
true green
LA
3
deep blue
4U
3
ultra white
LB
CQ
Anm.:
In einer Verpackungseinheit ist immer nur eine Gruppe für jede Selektion enthalten.
Note:
No packing unit ever contains more than one group for each selection.
CQ
0,30
0,31
0,32
0,33
0,34
0,35
0,36
Cy
Cx
400
450
455
460
465
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
620
630
650
700
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com