Electronic Components Datasheet Search
  English  ▼

X  

LE-RTDUW-S2W Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LE-RTDUW-S2W
Description  compact lightsource in SMT technology with glass window on top
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUW-S2W Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LE-RTDUW-S2W Datasheet HTML 5Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 6Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 7Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 8Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 9Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 10Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 11Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 12Page - OSRAM GmbH LE-RTDUW-S2W Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Version 2.1 (not for new design)
LE RTDUW S2W
2017-06-26
9
Durchlassstrom
2) Seite 23
Forward Current
2) page 23
IF = f (VF); TJ = 25 °C; red
Durchlassstrom
2) Seite 23
Forward Current
2) page 23
IF = f (VF); TJ = 25 °C; deep blue
Durchlassstrom
2) Seite 23
Forward Current
2) page 23
IF = f (VF); TJ = 25 °C; true green
Durchlassstrom
2) Seite 23
Forward Current
2) page 23
I
F = f (VF); TJ = 25 °C; ultra white
LE A Q9WN
1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
VF [V]
200
400
600
800
1000
1200
1400
IF [mA]
LE B Q9WN
2.8
3.0
3.2
3.4
3.6
3.8
4.0
VF [V]
200
400
600
800
1000
1200
1400
IF [mA]
LE T Q9WN
2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
VF [V]
200
400
600
800
1000
1200
1400
IF [A]
LE B Q9WN
2.8
3.0
3.2
3.4
3.6
3.8
4.0
VF [V]
200
400
600
800
1000
1200
1400
IF [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com