Electronic Components Datasheet Search
  English  ▼

X  

LR-W5KM Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LR-W5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-W5KM Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LR-W5KM Datasheet HTML 3Page - OSRAM GmbH LR-W5KM Datasheet HTML 4Page - OSRAM GmbH LR-W5KM Datasheet HTML 5Page - OSRAM GmbH LR-W5KM Datasheet HTML 6Page - OSRAM GmbH LR-W5KM Datasheet HTML 7Page - OSRAM GmbH LR-W5KM Datasheet HTML 8Page - OSRAM GmbH LR-W5KM Datasheet HTML 9Page - OSRAM GmbH LR-W5KM Datasheet HTML 10Page - OSRAM GmbH LR-W5KM Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Released
LR W5KM, LY W5KM
2009-11-13
7
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
Relative Spannung
2) Seite 15
Relative Voltage
2) page 15
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 400 mA
Relativer Lichtfluss
2)7) Seite 15
Relative Luminous Flux
2) 7) page 15
Φ
V/ΦV(400 mA) = f (IF); TA = 25 °C
Relativer Lichtstrom
2) Seite 15
Relative Luminous Flux
2) page 15
Φ
V/ΦV(25 °C)= f (Tj); IF = 400 mA
OHL02072
1.5
IF
VF
V
mA
10
1
3
10
5
5
10
2
1.7 1.9 2.1 2.3 2.5 2.7 2.9
3.3
-60
-0.10
-40 -20
0
20
˚C
60
40
Tj
100
OHL02984
V
F
V
Δ
-0.05
0
0.05
0.10
0.15
0.20
0.30
10
10
1
mA
2
10
I
F
3
OHL10788
V (400 mA)
V
5
V
Φ
V
Φ
10
1
10
-1
5
10
0
OHL13465
0
-40
˚C
T
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
j
-60
yellow
Φ
V (25 ˚C)
V
Φ
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com