Electronic Components Datasheet Search
  English  ▼

X  

LR-W5KM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LR-W5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-W5KM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LR-W5KM Datasheet HTML 6Page - OSRAM GmbH LR-W5KM Datasheet HTML 7Page - OSRAM GmbH LR-W5KM Datasheet HTML 8Page - OSRAM GmbH LR-W5KM Datasheet HTML 9Page - OSRAM GmbH LR-W5KM Datasheet HTML 10Page - OSRAM GmbH LR-W5KM Datasheet HTML 11Page - OSRAM GmbH LR-W5KM Datasheet HTML 12Page - OSRAM GmbH LR-W5KM Datasheet HTML 13Page - OSRAM GmbH LR-W5KM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2009-11-13
10
Released
LR W5KM, LY W5KM
Maßzeichnung
8) Seite 15
Package Outlines
8) page 15
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.35 g
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 200/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 15
Packing unit 200/reel, ø180 mm
Anm.:
Das Gehäuse ist für Ultraschallreinigung nicht geeignet
Note:
Package not suitalbe for ultra sonic cleaning
GPLY6707
0...0.1 (0.004)
(1.5 (0.059))
4.0 (0.157)
3.6 (0.142)
9.6 (0.378)
9.2 (0.362)
Cathode Marking
1.9 (0.075)
1.7 (0.067)
4.1 (0.161)
4.5 (0.177)
(0.25 (0.010))
C
Heat sink
Protection
Diode
A
OHAY2551
1.55 (0.061)
2 (0.079)
4 (0.157)
16 (0.629)
0.35 (0.013)
4.2 (0.165)
4.5 (0.177)
±0.05 (0.002)
±0.1 (0.004)
±0.1 (0.004)
±0.1 (0.004)
±0.1 (0.004)
±0.05 (0.002)
Cathode/Collector Side
±0.1 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com