Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4622
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 18Page - Linear Technology LTM4622 Datasheet HTML 19Page - Linear Technology LTM4622 Datasheet HTML 20Page - Linear Technology LTM4622 Datasheet HTML 21Page - Linear Technology LTM4622 Datasheet HTML 22Page - Linear Technology LTM4622 Datasheet HTML 23Page - Linear Technology LTM4622 Datasheet HTML 24Page - Linear Technology LTM4622 Datasheet HTML 25Page - Linear Technology LTM4622 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4632
22
4632fc
For more information www.linear.com/LTM4632
APPLICATIONS INFORMATION
52.3k
4632 F19
22µF
25V
VIN
3.6V TO 15V RAIL
VDDQ
1.3V, 3A
22µF
4V
22µF
4V
VOUT1
VTT
0.65V, ±3A
VTTR
0.65V, 10mA
VOUT2
FB1
VTTR
COMP2
COMP1
VDDQIN
VDDQ
GND
LTM4632
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
4632 F20
22µF
25V
VIN
4V TO 15V RAIL
47µF
4V
VOUT1
VTT
0.9V, ±6A
VTTR
0.9V, 10mA
22µF
25V
×4
VOUT2
FB1
INTVCC
VTTR
COMP2
COMP1
VDDQIN
VDDQ
GND
LTM4632
PGOOD1 PGOOD2
VIN
VOUT1
VOUT2
GND
LTM4630
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
100µF
4V
×6
VDDQ
1.8V, 36A
Figure 19. 3.6V to 15V Input, 1.3V/3A VDDQ, 0.65V/±3A VTT and 10mA VTTR Design
Figure 20. 4V to 15V Input, Two Phase Single Output ±6A VTT Termination Design with LTM4630 36A VDDQ Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com