Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4622
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 3 Page - Linear Technology

  LTM4622 Datasheet HTML 1Page - Linear Technology LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4632
3
4632fc
For more information www.linear.com/LTM4632
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
3.6
15
V
VIN_3.3
3.3V Input DC Voltage
VIN = INTVCC
l
3.1
3.3
3.5
V
VOUT1(RANGE)
VOUT2(RANGE)
Output Voltage Range
VIN = 3.6V to 15V
l
l
0.6
2.5
1.8
V
V
Output Specification (Channel 1)
VOUT1(DC)
CH1 Output Voltage, Total Variation
with Line and Load
CIN = 22µF, COUT = 100µF Ceramic
RFB1 = 51.7k, MODE = GND, IOUT = –3A to 3A
l
1.28
1.30
1.32
V
IOUT1(DC)
CH1 Output Continuous Current
Range
VIN = 12V, VOUT1 = 1.3V (Note 3)
–3
3
A
IQ1(VIN)
CH1 Input Supply Bias Current
VIN = 12V, VOUT1 = 1.3V, MODE = GND
VIN = 12V, VOUT1 = 1.3V, MODE = INTVCC
Shutdown, RUN1 = GND
13
400
40
mA
µA
µA
IS1(VIN)
CH1 Input Supply Current
VIN = 12V, VOUT1 = 1.3V, IOUT = 3A
0.4
A
ΔVOUT1(Line)/VOUT1 CH1 Line Regulation Accuracy
VOUT1 = 1.3V, VIN = 3.6V to 15V, IOUT1 = 0A
l
0.01
0.05
%/V
ΔVOUT1(Load)/VOUT1 CH1 Load Regulation Accuracy
VOUT1 = 1.3V, IOUT = –3A to 3A
l
0.2
1.0
%
VOUT1(AC)
CH1 Output Ripple Voltage
IOUT = 0A, COUT = 47µF Ceramic
VIN = 12V, VOUT1 = 1.3V
30
mV
ΔVOUT1(START)
CH1 Turn-On Overshoot
IOUT = 0A, COUT = 47µF Ceramic,
TRACK/SS1 = –0.1µF, VIN = 12V, VOUT1 = 1.3V
30
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, TRACK/SS1 = 0.01µF
No Load, VIN = 12V, VOUT1 = 1.3V
1.2
ms
ΔVOUTLS1
CH1 Peak Deviation for Dynamic
Load
Load: 0% to 25% to 0% of Full Load
COUT = 47µF Ceramic, VIN = 12V, VOUT1 = 1.3V
85
mV
tSETTLE1
CH1 Settling Time for Dynamic
Load Step
Load: 0% to 25% to 0% of Full Load
COUT = 47µF Ceramic, VIN = 12V, VOUT1 = 1.3V
20
µs
IOUTPK1
CH1 Output Current Limit
VIN = 12V, VOUT1 = 1.3V
4.5
A
Output Specification (Channel 2)
VOUT2(DC)
CH2 Output Voltage, Total Variation
with Line and Load
CIN = 22µF, COUT = 100µF Ceramic
VDDQIN= 1.3V, MODE = GND, IOUT = –3A to 3A
l
637
650
663
mV
IOUT2(DC)
CH2 Output Continuous Current
Range
VIN = 12V, VDDQIN = 1.3V (Note 3)
–3
3
A
IQ2(VIN)
CH2 Input Supply Bias Current
VIN = 12V, VDDQIN = 1.3V, MODE = GND
Shutdown, RUN2 = 0
7
40
mA
µA
IS2(VIN)
CH2 Input Supply Current
VIN = 12V, VDDQIN = 1.3V, IOUT = 3A
0.25
A
ΔVOUT2(Line)/VOUT2 CH2 Line Regulation Accuracy
VDDQIN = 1.3V, VIN = 3.6V to 15V, IOUT2 = 0A
l
0.01
0.05
%/V
ΔVOUT2(Load)/VOUT2 CH2 Load Regulation Accuracy
VDDQIN = 1.3V, IOUT = –3A to 3A
l
0.2
1.0
%
VOUT2(AC)
CH2 Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic
VIN = 12V, VDDQIN = 1.3V
30
mV
ΔVOUTLS2
CH2 Peak Deviation for Dynamic
Load
Load: 0% to 25% to 0% of Full Load
COUT = 47µF Ceramic, VIN = 12V, VOUT1 = 1.3V
85
mV
tSETTLE2
CH2 Settling Time for Dynamic
Load Step
Load: 0% to 25% to 0% of Full Load
COUT = 47µF Ceramic, VIN = 12V, VOUT1 = 1.3V
20
µs
IOUTPK2
CH2 Output Current Limit
4.5
A
The l denotes the specifications that apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel at TA = 25°C (Note 2), VIN = 12V, unless otherwise
noted, per the typical application in Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com