Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4644
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 4Page - Linear Technology LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM4632
8
4632fc
For more information www.linear.com/LTM4632
BLOCK DIAGRAM
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 3.6V to 15V, VOUT = 1.5V)
IOUT = 3A
4.7
10
µF
COUT
External Output Capacitor Requirement
(VIN = 3.6V to 15V, VOUT = 1.5V)
IOUT = 3A
10
22
µF
POWER CONTROL
VTTR
2.2µF
0.01µF
0.22µF
10µF
INTVCC
VDDQIN
VDDQ
0.1µF
TRACK/SS1
RUN1
RUN2
SYNC/MODE
COMP1
1µF
VOUT1
VIN
10k
PGOOD1
VDDQ
1.3V
3A
VIN
3.6V TO 15V
INTVCC
GND
0.82µH
4632 BD
FREQ
SGND
312k
INTERNAL
COMP
COMP2
FB1
60.4k
51.7k
VOUT1
VOUT2
10k
PGOOD2
INTVCC
22µF
0.22µF
1µF
VOUT2
VTT
0.65V
±3A
GND
0.82µH
22µF
INTERNAL
COMP
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com