Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4644
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology LTM4644 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM4632
9
4632fc
For more information www.linear.com/LTM4632
OPERATION
The LTM4632 is a dual output standalone non-isolated
switch mode DC/DC power supply for DDR-QDR4 SRAM
memory supplies and bus termination. It can deliver two
output rails which could both sink and source 3A DC cur-
rent with few external input and output ceramic capaci-
tors, plus a 10mA buffered VTTR (VREF) reference voltage
which equal to one half of VDDQIN voltage.
Two or more module outputs can be easily paralleled to
achieve a single VTT output with a higher sink and source
current capability. Up to 8 phases can be paralleled to run
simultaneously with a good current sharing guaranteed
by current mode control loop.
This module provides precisely regulated output voltage
(VOUT1) programmable via one external resistor from 0.6V
to 2.5V over 3.6V to 15V input voltage range. With INTVCC
tied to VIN, this module is able to operate from 3.3V input.
The LTM4632 has an integrated a dual constant on-time
valley current mode regulator, power MOSFETs, induc-
tor, and other supporting discrete components. The typi-
cal switching frequency is internally set to 1MHz. For
switching noise-sensitive applications, the µModule can
be externally synchronized to a clock within ±30% of the
set frequency. See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4632 module has sufficient sta-
bility margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast cur-
rent limiting. An internal overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if
the output feedback voltage exits a ±8% window around
the regulation point. Furthermore, an input overvoltage
protection been utilized by shutting down both power
MOSFETs when VIN rises above 17.5V to protect internal
devices.
Pulling the RUN pin below 1V forces the controller into
its shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load cur-
rents, burst mode operation can be enabled to achieve
higher efficiency compared to continuous mode (CCM) by
setting MODE pin to INTVCC. The TRACK/SS pin is used
for power supply tracking and soft-start programming.
See the Applications Information section.
APPLICATIONS INFORMATION
The typical LTM4632 application circuit is shown in
Figure 19. External component selection is primarily deter-
mined by the input voltage, the output voltage and the
maximum load current. Refer to Table 5 for specific exter-
nal capacitor requirements for a particular application.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step
down ratio that can be achieved for a given input voltage
due to the minimum off-time and minimum on-time limits
of the regulator. The minimum off-time limit imposes a
maximum duty cycle which can be calculated as:
DMAX = 1 – tOFF(MIN) • fSW
where tOFF(MIN) is the minimum off-time, 45ns typical for
LTM4632, and fSW is the switching frequency. Conversely
the minimum on-time limit imposes a minimum duty
cycle of the converter which can be calculated as
DMIN = tON(MIN) • fSW
where tON(MIN) is the minimum on-time, 20ns typical for
LTM4632. In the rare cases where the minimum duty
cycle is surpassed, the output voltage will still remain
in regulation, but the switching frequency will decrease
from its programmed value. Note that additional thermal
derating may be applied. See the Thermal Considerations
and Output Current Derating section in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com