Electronic Components Datasheet Search
  English  ▼

X  

LTM8028 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8028
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 3 Page - Linear Technology

  LTM8028 Datasheet HTML 1Page - Linear Technology LTM8028 Datasheet HTML 2Page - Linear Technology LTM8028 Datasheet HTML 3Page - Linear Technology LTM8028 Datasheet HTML 4Page - Linear Technology LTM8028 Datasheet HTML 5Page - Linear Technology LTM8028 Datasheet HTML 6Page - Linear Technology LTM8028 Datasheet HTML 7Page - Linear Technology LTM8028 Datasheet HTML 8Page - Linear Technology LTM8028 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM4634
3
4634f
For more information www.linear.com/LTM4634
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 24V, per the typical application for each regulator
channel.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
CNTL_PWR Powered Tied to Input Supply
l
4.75
28
V
VOUT(RANGE)
Output Voltage Range VOUT1, VOUT2
Output Voltage Range VOUT3
l
l
0.8
0.8
5.5
13.5
V
V
VOUT(DC)
Output Voltage, Total Variation with Line
and Load, VOUT1, VOUT2, VOUT3
CIN = 22µF × 3, COUT = 100µF Ceramic × 3,
RFB = 11.5k, MODE/PLLIN = 0V, VIN = 5.5V to 28V,
IOUT1,2 = 0A to 5A, IOUT3 = 0A to 4A (Note 4)
l
4.925
5.0
5.075
V
Input Specifications
VRUN
RUN1, RUN2, RUN3 Pin ON Threshold
VRUN Rising
1.15
1.3
1.4
V
VRUN(HYS)
RUN Pin Hysteresis
175
mV
IQ(VIN)
Input Supply Bias Current Each Channel VOUT = 5V, Burst Mode Operation, IOUT = 0A
VOUT = 5V, Pulse-Skipping Mode, IOUT = 0A
VOUT = 5V, Switching Continuous, IOUT = 0A
Shutdown, RUN = 0V, VIN = 24V
0.5
1.6
45
10
mA
mA
mA
µA
IS(VIN)
Input Supply Current Each Channel
VIN = 12V, EXTVCC = 5VOUT
VOUT1,2 = 5V, VOUT3 = 5V
IOUT1,2 = 5A
2.21
A
IOUT3 = 4A
1.76
A
Output Specifications (Note 4)
IOUT(DC)
Output Continuous Current Range Each
Channel
VOUT1,2 = 5V
VOUT3 = 5V
0
0
5
4
A
A
∆VOUT(LINE)
VOUT
Line Regulation Accuracy per Channel
VOUT1 = VIN from 5.5V to 28V
IOUT = 0A, CNTL_PWR Tie to VIN
l
0.015 0.02
%/V
∆VOUT(LOAD)
VOUT
Load Regulation Accuracy per Channel
VOUT = 5V, IOUT1,2 = 0A to 5A
Ch1, Ch2, IOUT3 = 0A to 4A
l
0.3
0.5
%
VOUT(AC)
Output Ripple Voltage per Channel
IOUT = 0A, COUT = 100µF Ceramic × 3,
VIN = 24V, VOUT = 5V
75
mV
∆VOUT(START)
Turn-On Overshoot per Channel
COUT = 100µF Ceramic × 3, VOUT = 5V,
IOUT = 0A, TK/SS = 0.01µF
50
mV
tSTART
Turn-On Time per Channel
COUT = 100µF Ceramic × 3, VOUT = 5V,
IOUT = 0A, TK/SS = 0.01µF
6
ms
VOUTLS
Peak Deviation for Dynamic Load per
Channel
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic × 3,
VOUT = 5V Typical Bench Data
200
mV
tSETTLE
Settling Time for Dynamic Load Step per
Channel
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic × 3,
VOUT = 5V Typical Bench Data
50
µs
IOUT(PK)
Output Current Limit per Channel
VOUT = 5V
8
A
Control Specifications
VFB
Voltage at VFB Pin per Channel
IOUT = 0A, VOUT = 5V
l
0.794
0.792
0.80
0.80
0.806
0.808
V
V
IFB
Current at VFB Pin per Channel
(Note 3)
–10
–50
nA
VOVL
Feedback Overvoltage Lockout per
Channel
l
0.84
0.86
0.88
V
ITK/SS
Track Pin Soft-Start Pull-Up Current per
Channel
TK/SS = 0V
1.1
1.5
1.9
µA
tON(MIN)
Minimum On-Time
(Note 3)
90
ns
Max DC
Maximum Duty Cycle
5.5V to 5V at 5A (Note 5)
95
%
RFBHI
Resistor Between VOUT and VFB Pins
60.0
60.4
60.8
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com