Electronic Components Datasheet Search
  English  ▼

X  

LTM8028 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8028
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 4 Page - Linear Technology

  LTM8028 Datasheet HTML 1Page - Linear Technology LTM8028 Datasheet HTML 2Page - Linear Technology LTM8028 Datasheet HTML 3Page - Linear Technology LTM8028 Datasheet HTML 4Page - Linear Technology LTM8028 Datasheet HTML 5Page - Linear Technology LTM8028 Datasheet HTML 6Page - Linear Technology LTM8028 Datasheet HTML 7Page - Linear Technology LTM8028 Datasheet HTML 8Page - Linear Technology LTM8028 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM4634
4
4634f
For more information www.linear.com/LTM4634
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 24V, per the typical application for each regulator
channel.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPGOOD
PGOOD Trip Level
PGOOD12
PGOOD3
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–7.5
7.5
%
%
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
Float
MODE/PLLIN
6V < VIN < 28V, ICC = 0mA
4.8
5
5.2
V
VLDOINT
INTVCC Load Regulation
ICC = 0mA to 100mA
1
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
VLDOEXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
30
75
mV
VLDOHYS
EXTVCC Hysteresis
200
mV
Oscillator and Phase-Locked Loop
fSYNC
SYNC Capture Range
Clock Input Duty Cycle = 50%
250
750
kHz
fS
Switching Frequency
VFREQ/PLLLPF = INTVCC
700
750
825
kHz
RMODE/PLLIN
MODE/PLLIN Input Resistance
250
kΩ
VIH(MODE/PLLIN) Clock Input Level High
2.0
V
VIL(MODE/PLLIN) Clock Input Level Low
0.8
V
Clock Phase
VOUT2 to VOUT1 Phase
VOUT3 to VOUT2 Phase
VOUT1 to VOUT3 Phase
VFREQ/PLLLPF = 1.2V (Note 3)
120
120
120
Deg
Deg
Deg
VTEMP1,2
Temperature Diode Forward Voltage
ITEMP = 100µA
0.598
V
TC VTEMP
Temperature Coefficient
–2.0
mV/°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4634 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4634E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4634I is guaranteed to meet specifications over the
–40°C to 125°C internal operating temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: 100% tested at wafer level.
Note 4: See output current derating curves for different VIN, VOUT and TA.
Note 5: High duty designs need to be validated based on maximum
temperature rise and derating in ambient conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com