Electronic Components Datasheet Search
  English  ▼

X  

LTM4642 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4642
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4642 Datasheet HTML 18Page - Linear Technology LTM4642 Datasheet HTML 19Page - Linear Technology LTM4642 Datasheet HTML 20Page - Linear Technology LTM4642 Datasheet HTML 21Page - Linear Technology LTM4642 Datasheet HTML 22Page - Linear Technology LTM4642 Datasheet HTML 23Page - Linear Technology LTM4642 Datasheet HTML 24Page - Linear Technology LTM4642 Datasheet HTML 25Page - Linear Technology LTM4642 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTM4646
22
4646f
For more information www.linear.com/LTM4646
manner that yields insight and guidance pertaining to
one’s application-usage, and can be adapted to corre-
late thermal performance to one’s own application. The
Pin Configuration section gives four thermal coefficients
explicitly defined in JESD51-12; these coefficients are
quoted or paraphrased below:
1.
JA, the thermal resistance from junction to ambient,
is the natural convection junction-to-ambient air ther-
mal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to
as “still air” although natural convection causes the
air to move. This value is determined with the part
mounted to a 95mm × 76mm PCB with four layers.
2.
JCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all
of the component power dissipation flowing through
the bottom of the package. In the typical Module,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambi-
ent environment. As a result, this thermal resistance
value may be useful for comparing packages but
the test conditions don’t generally match the user’s
application.
3.
JCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical Module are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of JCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
4.
JB, the thermal resistance from junction to the
printed circuit board, is the junction-to-board thermal
resistance where almost all of the heat flows through
the bottom of the Module and into the board, and
is really the sum of the JCbottom and the thermal
resistance of the bottom of the part through the solder
joints and through a portion of the board. The board
temperature is measured a specified distance from
the package.
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 8; blue resistances are
contained within the Module regulator, whereas green
resistances are external to the Module package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal oper-
ating conditions of a Module regulator. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the Module package—as the standard defines
APPLICATIONS INFORMATION
Figure 8. Graphical Representation of JESD51-12 Thermal Coefficients
4646 F08
µMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT THERMAL RESISTANCE COMPONENTS
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com