Electronic Components Datasheet Search
  English  ▼

X  

LTM4642 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4642
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Datasheet(HTML) 3 Page - Linear Technology

  LTM4642 Datasheet HTML 1Page - Linear Technology LTM4642 Datasheet HTML 2Page - Linear Technology LTM4642 Datasheet HTML 3Page - Linear Technology LTM4642 Datasheet HTML 4Page - Linear Technology LTM4642 Datasheet HTML 5Page - Linear Technology LTM4642 Datasheet HTML 6Page - Linear Technology LTM4642 Datasheet HTML 7Page - Linear Technology LTM4642 Datasheet HTML 8Page - Linear Technology LTM4642 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTM4646
3
4646f
For more information www.linear.com/LTM4646
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel. TA = 25°C, VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted. Per the typical application in Figure 18.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
2.375V with 5V External Bias on CPWR, 4.5V
Min without Bias
l
2.375
20
V
VCPWR(DC)
Input Control Power Voltage
Input Range of Bias
Normally Connected to VIN
4.5
20
V
VOUT1, 2 (Range)
Output Voltage Range
(Note 8)
l
0.6
5.5
V
VOUT1(DC),
VOUT2(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 10µF 4, COUT = 100µF 4, Ceramic VOUT
= 1.5V
l
1.4775
1.5
1.5225
V
Input Specifications
VRUN1, VRUN2
RUN Pin On/Off Threshold
RUN Rising
1.1
1.2
1.3
V
VRUN1HYS, VRUN2HYS RUN Pin On Hysteresis
160
mV
RRUN1, RRUN2
RUN1, RUN2 Resistance
Pull-Down Resistance
100
kΩ
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 10µF ×4, CSS = 0.01µF,
COUT = 100µF ×4, VOUT1 = 1.5V, VOUT2 = 1.5V,
VIN = 12V
1
A
IQ(VIN)
Input Supply Bias Current
IOUT = 0.1A, fSW = 1MHz, Pulse-Skipping Mode
IOUT = 0.1A, fSW = 1MHz, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
17
35
40
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 4.5V, VOUT = 1.5V, IOUT = 10A, fSW = 1MHz
VIN = 12V, VOUT = 1.5V, IOUT = 10A, fSW = 1MHz
3.9
1.45
A
A
Output Specifications
IOUT1(DC), IOUT2(DC) Output Continuous Current Range
VIN = 12V, VOUT = 1.5V (Notes 7, 8)
0
10
A
∆VOUT1(LINE)/VOUT1
∆VOUT2(LINE)/VOUT2
Line Regulation Accuracy
VOUT = 1.5V, VIN from 4.5V to 20V
IOUT = 0A for Each Output
l
0.01
0.025
%/V
∆VOUT1(LOAD)/VOUT1
∆VOUT2(LOAD)/VOUT2
Load Regulation Accuracy
For Each Output, VOUT = 1.5V, 0A to 10A
VIN = 12V (Note 7)
l
0.15
0.3
%
VOUT1(AC), VOUT2(AC) Output Ripple Voltage
For Each Output, IOUT = 0A, COUT = 100µF ×4,
VOUT = 1.5V, Frequency = 350kHz
15
mVP-P
fS (Each Channel)
Output Ripple Voltage Frequency
VIN = 12V, VOUT = 1.5V, RFREQ = 115kΩ (Note 4)
350
kHz
∆VOUTSTART
(Each Channel)
Turn-On Overshoot
COUT = 100µF ×4, VOUT = 1.5V, IOUT = 0A VIN =
12V, CSS = 0.01µF
10
mV
tSTART
(Each Channel)
Turn-On Time
COUT = 100µF ×4, No Load, TRACK/SS with
0.01µF to GND, VIN = 12V
5
ms
∆VOUT(LS)
(Each Channel)
Peak Deviation for Dynamic Load
Load: 0A to 6A to 0A
COUT = 100µF ×4
VIN = 12V, VOUT = 1.5V
50
mV
tSETTLE
(Each Channel)
Settling Time for Dynamic Load Step Load: 0A to 6A to 0A
COUT = 100µF ×4
VIN = 12V, VOUT = 1.5V
20
µs
IOUT(PK)
(Each Channel)
Output Current Limit
VIN = 12V, VOUT = 1.5V
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com