Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4649
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4649 Datasheet(HTML) 1 Page - Linear Technology

  LTM4649 Datasheet HTML 1Page - Linear Technology LTM4649 Datasheet HTML 2Page - Linear Technology LTM4649 Datasheet HTML 3Page - Linear Technology LTM4649 Datasheet HTML 4Page - Linear Technology LTM4649 Datasheet HTML 5Page - Linear Technology LTM4649 Datasheet HTML 6Page - Linear Technology LTM4649 Datasheet HTML 7Page - Linear Technology LTM4649 Datasheet HTML 8Page - Linear Technology LTM4649 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTM4649
1
4649fc
For more information www.linear.com/LTM4649
TYPICAL APPLICATION
FEATURES
DESCRIPTION
10A Step-Down DC/DC
µModule Regulator
The LTM®4649 is a complete 10A high efficiency switching
mode step-down DC/DC µModule® regulator in a 9mm ×
15mm×4.92BGApackage.Includedinthepackagearethe
switching controller, power FETs, inductor, and all support
components.Operatingoveraninputvoltagerangeof4.5V
to 16V, the LTM4649 supports an output voltage range of
0.6V to 3.3V, set by a single external resistor. This high
efficiency design delivers 10A continuous current. Only
bulk input and output capacitors are needed.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization, programmable multiphase
operation, and output voltage tracking for supply rail
sequencing.
Fault protection features include output overvoltage and
overcurrent protection. The LTM4649 is offered in a small
9mm×15mm×4.92mmBGApackageavailablewithSnPb
or RoHS compliant terminal finish.
Efficiency and Power Loss
at 12V and 5V Input
Current Derating: 12V Input,
1.5VOUT, No Heat Sink
4.5V to 16V Input, 1.5V Output DC/DC
µModule Regulator
APPLICATIONS
n
10A DC Output Current
n
Input Voltage Range: 4.5V to 16V
n
Output Voltage Range: 0.6V Up to 3.3V
n
No Heat Sink or Current Derating Up to 85°C Ambi-
ent Temperature
n
±1.5% Total DC Voltage Output Error
n
Multiphase Operation with Current Sharing
n
Remote Sense Amplifier
n
Built-In General Purpose Temperature Monitor
n
Selectable Pulse-Skipping Mode/Burst Mode® Opera-
tion for High Efficiency at Light Load
n
Soft-Start/Voltage Tracking
n
Protection: Output Overvoltage and Overcurrent
Foldback
n
9mm × 15mm × 4.92mm BGA Package
n
Telecom, Networking and Industrial Equipment
n
Point of Load Regulation
L
, LT, LTC, LTM, Burst Mode, µModule, PolyPhase, Linear Technology and the Linear logo
are registered trademarks of Analog Devices, Inc. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 5481178, 5705919, 5929620, 6100678,
6144194, 6177787, 6304066, 6580258 and 8163643. Other patents pending.
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4649
GND
0.1µF
100µF
6.3V
×2
6.65k
22µF
16V
×2
VIN
4.5V TO 16V
VOUT
1.5V
10A
CLKOUT
4649 TA01a
LOAD CURRENT (A)
0
65
70
75
80
85
90
95
0
0.5
1.0
1.5
2.0
2.5
3.0
2
4
6
8
4649 TA01b
10
VIN = 12V
VIN = 5V
AMBIENT TEMPERATURE (°C)
0
0
2
4
6
8
12
20
40
60
80
4649 TA01c
100
120
10
400LFM
200LFM
0LFM


Similar Part No. - LTM4649

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4649 LINER-LTM4649 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4649 AD-LTM4649 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4649 AD-LTM4649 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
High Efficiency 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4649

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com