Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4649
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4649 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4649 Datasheet HTML 20Page - Linear Technology LTM4649 Datasheet HTML 21Page - Linear Technology LTM4649 Datasheet HTML 22Page - Linear Technology LTM4649 Datasheet HTML 23Page - Linear Technology LTM4649 Datasheet HTML 24Page - Linear Technology LTM4649 Datasheet HTML 25Page - Linear Technology LTM4649 Datasheet HTML 26Page - Linear Technology LTM4649 Datasheet HTML 27Page - Linear Technology LTM4649 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTM4649
24
4649fc
For more information www.linear.com/LTM4649
TYPICAL APPLICATIONS
Figure 17. 4.5V to 16VIN, 1.5V at 10A Design
Figure 18. 4.5V to 16V VIN, 3.3VOUT at 8A Design with Increased 650kHz Frequency
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4649
GND
C1
0.1µF
COUT1
100µF
6.3V
RFB
6.65k
4649 F17
COUT2
100µF
6.3V
CIN
22µF
16V
VIN
4.5V TO 16V
VOUT
1.5V
10A
CLKOUT
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
1M
LTM4649
GND
C1
0.1µF
100µF
6.3V
×2
RFB
2.21k
4649 F18
CIN
22µF
16V
CIN
22µF
16V
VIN
4.5V TO 16V
VOUT
3.3V
8A
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com