Electronic Components Datasheet Search
  English  ▼

X  

LTM8001 Datasheet(PDF) 35 Page - Linear Technology

Part # LTM8001
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8001 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTM8001 Datasheet HTML 28Page - Linear Technology LTM8001 Datasheet HTML 29Page - Linear Technology LTM8001 Datasheet HTML 30Page - Linear Technology LTM8001 Datasheet HTML 31Page - Linear Technology LTM8001 Datasheet HTML 32Page - Linear Technology LTM8001 Datasheet HTML 33Page - Linear Technology LTM8001 Datasheet HTML 34Page - Linear Technology LTM8001 Datasheet HTML 35Page - Linear Technology LTM8001 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
LTM4644/LTM4644-1
35
4644fe
For more information www.linear.com/LTM4644
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
01/14
Add SnPb BGA package option
1, 2
B
06/14
Add Tech Clip video link
Update Order Information
Update Run Threshold
Update Figure 5
Update Soft-Start and Output Voltage Tracking Section
1
2
3
13
14
C
05/16
Added MP-grade (–55°C to 125°C)
2
D
12/16
Added LTM4644-1
Added Comparison Table between LTM4644 and LTM4644-1
Added Output Voltage Programing (LTM4644-1)
Added Figure 36
Added Figure 38
1 ,2, 4, 9, 10, 33
1
10
30
32
E
01/18
Changed IOUTPK (MIN) from 5A to 6A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com