Electronic Components Datasheet Search
  English  ▼

X  

LTM8001 Datasheet(PDF) 36 Page - Linear Technology

Part # LTM8001
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8001 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTM8001 Datasheet HTML 28Page - Linear Technology LTM8001 Datasheet HTML 29Page - Linear Technology LTM8001 Datasheet HTML 30Page - Linear Technology LTM8001 Datasheet HTML 31Page - Linear Technology LTM8001 Datasheet HTML 32Page - Linear Technology LTM8001 Datasheet HTML 33Page - Linear Technology LTM8001 Datasheet HTML 34Page - Linear Technology LTM8001 Datasheet HTML 35Page - Linear Technology LTM8001 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTM4644/LTM4644-1
36
4644fe
For more information www.linear.com/LTM4644
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
ANALOG DEVICES, INC. 2013
LT 0118 REV E • PRINTED IN USA
www.linear.com/LTM4644
PACKAGE PHOTO
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTM4624
14VIN, 4A Step-Down µModule Regulator in Tiny
6.25mm × 6.25mm × 5.01mm BGA
4V ≤ VIN ≤ 14V, 0.6V ≤ VOUT ≤ 5.5V, VOUT Tracking, PGOOD, Light Load Mode,
Complete Solution in 1cm2 (Single-Sided PCB)
LTM4619
Dual 26V, 4A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 26.5V, 0.8V ≤ VOUT ≤ 5V, PLL Input, VOUT Tracking, PGOOD,
15mm × 15mm × 2.82mm LGA
LTM4618
26V, 6A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 26.5V, 0.8V ≤ VOUT ≤ 5V, PLL Input, VOUT Tracking,
9mm × 15mm × 4.32mm LGA
LTM4628
Dual 26V, 8A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 26.5V, 0.6V ≤ VOUT ≤ 5.5V, Remote Sense Amplifier, Internal
Temperature Sensing Output, 15mm × 15mm × 4.32mm LGA
LTM4614
Dual 5V, 4A µModule Regulator
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.82mm LGA
LTM4608A
5V, 8A Step-Down µModule Regulator with
Tracking, Margining and Frequency Synchronization
2.7V ≤ VIN ≤ 5.5V, 0.6V ≤ VOUT ≤ 5V, PLL input, Clock Output, VOUT Tracking and
Margining, PGOOD, 9mm × 15mm × 2.82mm LGA
LTM4616
Dual 5V, 8A Step-Down µModule Regulator with
Tracking, Margining and Frequency Synchronization
2.7V ≤ VIN ≤ 5.5V, 0.6V ≤ VOUT ≤ 5V, PLL input, Clock Output, VOUT Tracking and
Margining, PGOOD, 15mm × 15mm × 2.82mm LGA
LTM8045
Inverting or SEPIC µModule DC/DC Converter with
Up to 700mA Output Current
2.8V ≤ VIN ≤ 18V, ±2.5V ≤ VOUT ≤ ±15V, Synchronizable, No Derating or Logic-
Level Shift for Control Inputs when Inverting, 6.25mm × 11.25mm × 4.92mm BGA
LTM8001
36V, 5A Step-Down µModule Regulator with
Configurable Array of Five 1A LDOs
6V ≤ VIN ≤ 36V, 0V ≤ VOUT ≤ 24V, Five Parallelable 1.1A 90µVRMS Output Noise
LDOs, Synchronizable, Adjustable Switcher Output Current Limit, 15mm × 15mm
× 4.92mm BGA
LTC®2978
Octal Digital Power Supply Manager with EEPROM
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, 16-Bit ADC with
±0.25% TUE, 3.3V to 15V Operation
LTC2974
Quad Digital Power Supply Manager with EEPROM I2C/PMBus Interface, Configuration EEPROM, Fault Logging, Per Channel Voltage,
Current and Temperature Measurements
DESIGN RESOURCES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com