Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM8045
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 22Page - Linear Technology LTM8045 Datasheet HTML 23Page - Linear Technology LTM8045 Datasheet HTML 24Page - Linear Technology LTM8045 Datasheet HTML 25Page - Linear Technology LTM8045 Datasheet HTML 26Page - Linear Technology LTM8045 Datasheet HTML 27Page - Linear Technology LTM8045 Datasheet HTML 28Page - Linear Technology LTM8045 Datasheet HTML 29Page - Linear Technology LTM8045 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTM4649
30
4649fc
For more information www.linear.com/LTM4649
LINEAR TECHNOLOGY CORPORATION 2013
LT 0717 REV C • PRINTED IN USA
www.linear.com/LTM4649
RELATED PARTS
TYPICAL APPLICATION
Figure 22. Dual Output 1.2V, 1.8V 2-Phase LTM4649 Regulator with Tracking
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4649
GND
COUT2
100µF
6.3V
COUT1
100µF
6.3V
R1
10k
R2
10k
R3
10k
CIN1
22µF
16V
VIN
4.5V TO 16V
MASTER
SLOPE
INTVCC
INTVCC
VOUT
1.2V
10A
CLKOUT
CLOCK
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4649
GND
COUT4
100µF
6.3V
COUT3
100µF
6.3V
R4
4.99k
CIN2
22µF
16V
VOUT
1.8V
10A
CLKOUT
4649 F22
PART NUMBER DESCRIPTION
COMMENTS
LTM4627
20V, 15A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5V, PLL input, Remote Sense Amplifier,
VOUT Tracking, 15mm × 15mm × 4.3mm LGA and 15mm × 15mm × 4.9mm
BGA
LTM4620A
Dual 16V, 13A or Single 26A Step-Down µModule
Regulator
4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.3V, PLL Input, Remote Sense Amplifier,
VOUT Tracking, 15mm × 15mm × 4.41mm LGA
LTM4613
36VIN, 8A EN55022 Class B Certified DC/DC Step-Down
µModule Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, PLL Input, VOUT Tracking and Margining,
15mm × 15mm × 4.32mm LGA
LTM8045
Inverting or SEPIC µModule DC/DC Converter with Up to
700mA Output Current
2.8V ≤ VIN ≤ 18V, ±2.5V ≤ VOUT ≤ ±15V, Synchronizable,
6.25mm × 11.25mm × 4.92mm BGA
LTM8061
32V, 2A Step-Down µModule Battery Charger with
Programmable Input Current Limit
CC-CV Charging Single and Dual Cell Li-Ion or Li-Poly Batteries,
4.95V ≤ VIN ≤ 32V, C/10 or Adjustable Timer Charge Termination,
9mm × 15mm × 4.32mm LGA
LTM8048
1.5W, 725VDC Galvanically Isolated µModule Converter
with LDO post regulator
3.1V ≤ VIN ≤ 32V, 2.5V ≤ VOUT ≤ 12V, 1mVPP Output Ripple, Internal Isolated
Transformer, 9mm × 11.25mm × 4.92mm BGA
LTC2974
Quad Digital Power Supply Manager with EEPROM
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, Per Channel
Voltage, Current and Temperature Measurements
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com