Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4675
Description  30A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 3Page - Linear Technology LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology LTM4675 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTM4647
7
4647fb
For more information www.linear.com/LTM4647
PIN FUNCTIONS
VIN (A1-A3, B1-B2, C1-C2): Power Input Pins. Apply input
voltage between these pins and GND pins. Recommend
placing input decoupling capacitance directly between VIN
pins and GND pins.
GND (A4, A7, B3, C3, C4, D1-D4, E2-E4, F2, F4, F6, G1-
G4, H1-H5, J5-J7, K5-K7): Ground Pins for Both Input
and Output Returns. All ground pins need to connect with
large copper areas underneath the unit.
RUN (A6): Run Control Pin. A voltage above 1.35V will
turn on the module. This is a 1µA pull-up current on this
pin. Once the RUN pin rises above the 1.35V threshold
the pull-up current increases to 5µA.
PWM (B4): Control PWM Three-State Output Signal. For
monitor and test purpose only. Do not drive this pin.
CLKOUT (B5): Clock output with phase control using the
PHASMD pin to enable multiphase operation between
devices. See the Applications Information section.
TEST1, TEST2, TEST3 (B6, D5, F7): These pins are for
µModule initial test purposes. Please connect these pins
to GND with a large GND copper area.
MODE/PLLIN (B7): Mode Selection Pin and External
Synchronization Pin. Connect this pin to SGND to force
the module into force continuous current mode (CCM) of
operation. Connect to INTVCC to enable pulse-skipping
mode of operation. Leaving the pin floating will enable
Burst Mode operation. A clock on the pin will force the
module into continuous current mode of operation and
synchronized to the external clock applied to this pin. See
the Applications Information section.
SVIN (D6): Signal VIN. Input voltage to the internal 5.5V
regulator for the control circuitry of the regulator. Tie this
pin to VIN pin through a 2.2Ω plus 1µF R-C filter in most
application. See the Application Information section.
DRVCC (C5): Power Input Pin for the MOSFET driver cir-
cuitry. Connect to INTVCC output for the application with
the input voltage 6V and above or connect this pin to an
external supply 4.5V or above through a 2.2Ω plus 1µF
R-C filter. See the Application Information section.
INTVCC (C6): Internal 5.5V LDO for driving the control
circuitry decouple with pin to GND with a minimum of
2.2µF low ESR ceramic capacitor. The 5.5V LDO has a
10mA current limit.
PHASMD (C7): This pin determines the relative phases
between the internal controllers and the phasing of the
CLKOUT signal. See Table 2 in the Application Informa-
tion section.
FREQ (D7): Frequency Set Pin. A 20µA current is sourced
from this pin. A resistor from this pin to ground sets a
voltage that in turn programs the operating frequency.
Alternatively, this pin can be driven with a DC voltage
that can set the operating frequency. See the Applications
Information section.
HIZB(E5):PhaseSheddingInputPin.Whenthispinislow,
TRACK/SS, COMP and PWM pin go to high impedance.
Tie to INTVCC or VIN to disable this function.
VFB (E6): The Negative Input of the Error Amplifier. Inter-
nally, this pin is connected to VOSNS+ with a 60.4k 0.5%
precision resistor. Different output voltages can be pro-
grammed with an additional resistor between VFB and
VSNS– pins. In PolyPhase® operation, tying the VFB pins
together allows for parallel operation. See the Applications
Information section for details.
SGND (E7): Signal Ground Pin. Return ground path for all
analog and low power circuitry. Tie a single connection
to the output capacitor GND in the application. See layout
guidelines in Figure 22.
SW (F3): Switching node of the circuit is used for testing
purposes. Also an R-C snubber network can be applied
to reduce or eliminate switch node ringing, or otherwise
leave floating. See the Applications Information section.
TRACK/SS(F5):OutputVoltageTrackingPinandSoft-Start
Inputs. The pin has a 1.25µA pull-up current. A capacitor
from this pin to ground will set a soft-start ramp rate. In
tracking, the regulator output can be tracked to a different
voltage. The voltage ramp rate at his pin sets the voltage
ramp rate of the output. See the Applications Information
section.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com