Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 34 Page - Linear Technology

Part # LTM4675
Description  30A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 26Page - Linear Technology LTM4675 Datasheet HTML 27Page - Linear Technology LTM4675 Datasheet HTML 28Page - Linear Technology LTM4675 Datasheet HTML 29Page - Linear Technology LTM4675 Datasheet HTML 30Page - Linear Technology LTM4675 Datasheet HTML 31Page - Linear Technology LTM4675 Datasheet HTML 32Page - Linear Technology LTM4675 Datasheet HTML 33Page - Linear Technology LTM4675 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTM4647
34
4647fb
For more information www.linear.com/LTM4647
LINEAR TECHNOLOGY CORPORATION 2016
LT 0517 REV B • PRINTED IN USA
www.linear.com/LTM4647
RELATED PARTS
PART
NUMBER
DESCRIPTION
COMMENTS
LTM4627
15A µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5V, 15mm × 15mm × 4.32mm (LGA), 15mm × 15mm × 4.92mm (BGA)
LTM4637
20A µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 15mm × 15mm × 4.32mm (LGA), 15mm × 15mm × 4.92mm (BGA)
LTM4636
40A µModule Regulator, ±1.3%
VOUT Accuracy
4.75V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 3.3V, 16mm × 16mm × 7.12mm (BGA)
LTM4631
Dual 10A, Single 20A µModule
Regulator, 1.91mm Package Height
4.5V ≤ VIN ≤ 15V. 0.6V ≤ VOUT ≤ 1.8V, 16mm x 16mm × 1.91mm (LGA)
LTM4620A Dual 13A or Single 26A µModule
Regulator, VOUT ≤ 5.3V
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 5.3V, 15mm × 15mm × 4.41mm (LGA), 15mm × 15mm × 5.01mm (BGA)
LTM4630
Dual 18A or Single 36A µModule
Regulator
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 4.41mm (LGA), 16mm × 16mm × 5.01mm (BGA)
LTM4630A Dual 18A or Single 36A µModule
Regulator VOUT ≤ 5.3V
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 5.3V, 16mm × 16mm × 4.41mm (LGA)
LTM4630-1 Dual 18A or Single 36A µModule
Regulator ±0.8V VOUT Accuracy
(–1A), External Compensation
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm (BGA)
LTM4650
Dual 25A or Single 50A µModule
Regulator
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm (BGA)
LTM4650-1 Dual 25A or Single 50A µModule
Regulator ±0.8V VOUT Accuracy
(–1A), External Compensation
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm (BGA)
LTM4675
Dual 9A or Single 18A µModule
Regulator with PSM
4.5V ≤ VIN ≤ 17V, 0.5V ≤ VOUT ≤ 5.5V, 16mm × 11.9mm × 3.51mm (BGA)
LTM4676A Dual 13A or Single 26A µModule
Regulator with PSM
4.5V ≤ VIN ≤ 17V, 0.5V ≤ VOUT ≤ 5.5V, 16mm × 16mm × 5.01mm (BGA)
LTM4677
Dual 25A or Single 50A µModule
Regulator with PSM
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm (BGA)
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com