Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 13Page - Linear Technology LTM4644 Datasheet HTML 14Page - Linear Technology LTM4644 Datasheet HTML 15Page - Linear Technology LTM4644 Datasheet HTML 16Page - Linear Technology LTM4644 Datasheet HTML 17Page - Linear Technology LTM4644 Datasheet HTML 18Page - Linear Technology LTM4644 Datasheet HTML 19Page - Linear Technology LTM4644 Datasheet HTML 20Page - Linear Technology LTM4644 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTM4650A-1
17
4650a1f
For more information www.linear.com/LTM4650A-1
Figure 7. Operating Frequency vs fSET Pin Voltage
fSET PIN VOLTAGE (V)
0
900
800
600
400
100
200
700
500
300
0
2
4650a1 F07
2.5
1
1.5
0.5
APPLICATIONS INFORMATION
Frequency Selection and Phase-Lock Loop
(MODE_PLLIN and fSET Pins)
The LTM4650A-1 device is operated over a range of
frequencies to improve power conversion efficiency. It is
recommended to operate the module at 300kHz to 750kHz
overdifferentinputand outputrangeforthebestefficiency
and inductor current ripple.
The LTM4650A-1 switching frequency can be set with an
external resistor from the fSET pin to SGND. An accurate
10µA current source into the resistor will set a voltage
that programs the frequency or a DC voltage can be
applied. Figure 7 shows a graph of frequency setting
verses programming voltage. An external clock can be
applied to the MODE_PLLIN pin from 0V to INTVCC over
a frequency range of 250kHz to 780kHz. The clock input
high threshold is 1.6V and the clock input low threshold is
1V. The LTM4650A-1 has the PLL loop filter components
on board. The frequency setting resistor should always
be present to set the initial switching frequency before
locking to an external clock. Both regulators will operate
in continuous mode while being externally clock.
The output of the PLL phase detector has a pair of comple-
mentary current sources that charge and discharge the
internal filter network. When the external clock is applied
then the fSET frequency resistor is disconnected with
an internal switch, and the current sources control the
frequency adjustment to lock to the incoming external
clock. When no external clock is applied, then the internal
switch is on, thus connecting the external fSET frequency
set resistor for free run operation.
Minimum On-Time
Minimumon-timetONisthesmallesttimedurationthatthe
LTM4650A-1 is capable of turning on the top MOSFET on
either channel. It is determined by internal timing delays,
and the gate charge required turning on the top MOSFET.
Low duty cycle applications may approach this minimum
on-time limit and care should be taken to ensure that:
VOUT
VIN •FREQ
> tON(MIN)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the output ripple and current will increase. The on-time
can be increased by lowering the switching frequency. A
good rule of thumb is to keep on-time longer than 110ns.
Soft-Start And Output Voltage Tracking
The TRACK/SS pin provides a means to either soft-start
the regulator or track it to a different power supply. A ca-
pacitor on the TRACK/SS pin will program the ramp rate
of the output voltage. An internal 1.3µA current source
will charge up the external soft-start capacitor towards
INTVCC voltage. When the TRACK/SS voltage is below
0.6V, it will take over the internal 0.6V reference voltage
to control the output voltage. The total soft-start time can
be calculated as:
tSS =0.6•
CSS
1.3µA
where CSS is the capacitance on the TRACK/SS pin. Cur-
rent foldback and forced continuous mode are disabled
during the soft-start process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com