Electronic Components Datasheet Search
  English  ▼

X  

LTM4644 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 20Page - Linear Technology LTM4644 Datasheet HTML 21Page - Linear Technology LTM4644 Datasheet HTML 22Page - Linear Technology LTM4644 Datasheet HTML 23Page - Linear Technology LTM4644 Datasheet HTML 24Page - Linear Technology LTM4644 Datasheet HTML 25Page - Linear Technology LTM4644 Datasheet HTML 26Page - Linear Technology LTM4644 Datasheet HTML 27Page - Linear Technology LTM4644 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTM4650A-1
24
4650a1f
For more information www.linear.com/LTM4650A-1
APPLICATIONS INFORMATION
Figure 13. Thermal Image 12V to 1.0V,
50A with No Airflow without Heat Sink
Figure 14. Thermal Image 12V to 5V, 50A
with 200LFM Airflow without Heat Sink
Figure 13 shows the thermal image of the LTM4650A-1,
without airflow, without heat sink, running paralleled
from 12V to 1V at 50A with around 87.3% efficiency and
7.2W power loss. Figure 14 shows the thermal image of
the LTM4650A-1, with 200LFM airflow and external heat
sink, running paralleled form 12V to 5V at 50A with around
95% efficiency and 13W power loss.
Safety Considerations
The LTM4650A-1 modules do not provide isolation from
VIN to VOUT. There is no internal fuse. If required, a slow
blow fuse with a rating twice the maximum input current
needstobeprovidedtoprotecteachunitfromcatastrophic
failure. The device does support over current protection.
A temperature diode is provided for monitoring internal
temperature,andcanbeusedtodetecttheneedforthermal
shutdown that can be done by controlling the RUN pin.
Power Derating
The1.0V,1.8V,3.3Vand5VpowerlosscurvesinFigures 16
to 19 can be used in coordination with the load current
derating curves in Figures 20 to 33 for calculating an ap-
proximateθJAthermalresistancefortheLTM4650A-1with
variousheatsinkingandairflowconditions.Thepowerloss
curves are taken at room temperature, and are increased
with a 1.2 multiplicative factor at 125°C.
ThederatingcurvesareplottedwithCH1andCH2inparallel
single output operation starting at 50A of load with low
ambient temperature. The output voltages are 1V to 5V.
These are chosen to include the lower and higher output
voltage ranges for correlating the thermal resistance.
Thermal models are derived from several temperature
measurementsinacontrolledtemperaturechamberalong
with thermal modeling analysis.
The junction temperatures are monitored while ambient
temperature is increased with and without airflow. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at ~120°C maximum while lowering output
current or power while increasing ambient temperature.
The decreased output current will decrease the internal
module loss as ambient temperature is increased.
The monitored junction temperature of 120°C minus
the ambient operating temperature specifies how much
module temperature rise can be allowed. As an example in
Figure24,theloadcurrentisderatedto~25Aat~40°Cwith
no air or heat sink and the power loss for the 12V to 1.8V
at 25A output is a ~4.4W loss. The 4.4W loss is calculated
with the ~3.7W room temperature loss from the 12V to
1.8V power loss curve at 25A, and the 1.2 multiplying
factor at 120°C ambient. If the 80°C ambient temperature
is subtracted from the 120°C junction temperature, then
the difference of 30°C divided 4.4W equals a 6.8°C/W ΘJA
thermal resistance. Table 2 specifies a 7°C/W value which
is pretty close. The airflow graphs are more accurate due
to the fact that the ambient temperature environment is
controlled better with airflow. Tables 2 to 5 provide equiva-
lent thermal resistances for 1.0V to 5V outputs with and
without airflow and heat sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com