Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4653 Datasheet(HTML) 4 Page - Linear Technology

  LTM4653 Datasheet HTML 1Page - Linear Technology LTM4653 Datasheet HTML 2Page - Linear Technology LTM4653 Datasheet HTML 3Page - Linear Technology LTM4653 Datasheet HTML 4Page - Linear Technology LTM4653 Datasheet HTML 5Page - Linear Technology LTM4653 Datasheet HTML 6Page - Linear Technology LTM4653 Datasheet HTML 7Page - Linear Technology LTM4653 Datasheet HTML 8Page - Linear Technology LTM4653 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM4653
4
Rev 0
For more information www.analog.com
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). TA = 25°C, Test Circuit, VIN = SVIN = 48V, EXTVCC = 24V, RUN = 3.3V, RISET = 480k,
RfSET = 57.6kΩ, fSW = 1.5MHz (CLKIN driven with 1.2MHz clock signal) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VRUN
RUN Turn-On/-Off Thresholds
RUN Input Turn-On Threshold, RUN Rising
RUN Hysteresis
l
1.08
1.2
130
1.32
V
mV
IRUN
RUN Leakage Current
RUN = 3.3V
l
0.1
50
nA
Oscillator and Phase-Locked Loop (PLL)
fOSC
Oscillator Frequency Accuracy
VIN = 12V, ISETa = 5V, and:
fSET Open Circuit
RfSET = 57.6kΩ (See fs Specification)
l
360
400
1.95
440
kHz
MHz
fSYNC
PLL Synchronization Capture Range
VIN = 12V, ISETa = 5V, CLKIN Driven with a GND-
Referred Clock Toggling from 0.4V to 1.2V and Having
a Clock Duty Cycle:
From 10% to 90%; fSET Open Circuit
From 40% to 60%; RfSET = 57.6kΩ
250
1.3
550
3
kHz
MHz
VCLKIN
CLKIN Input Threshold
VCLKIN Rising
VCLKIN Falling
1.2
0.4
V
V
ICLKIN
CLKIN Input Current
VCLKIN = 5V
VCLKIN = 0V
–20
230
–5
500
μA
μA
Power Good Feedback Input and Power Good Output
OVPGDFB
Output Overvoltage PGOOD Upper
Threshold
PGDFB Rising
l
620
645
675
mV
UVPGDFB
Output Undervoltage PGOOD Lower
Threshold
PGDFB Falling
l
525
555
580
mV
∆VPGDFB
PGOOD Hysteresis
PGDFB Returning
8
mV
RPGDFB
Resistor Between PGDFB and SGND
4.94
4.99
5.04
kΩ
RPGOOD
PGOOD Pull-Down Resistance
VPGOOD = 0.1V, VPGDFB < UVPGDFB or
VPGDFB > OVPGDFB
700
1500
Ω
IPGOOD(LEAK)
PGOOD Leakage Current
VPGOOD = 3.3V, UVPGDFB < VPGDFB < OVPGDFB
0.1
1
μA
tPGOOD(DELAY)
PGOOD Delay
PGOOD Low to High (Note 4)
PGOOD High to Low (Note 4)
16/fSW(HZ)
64/fSW(HZ)
s
s
Current Monitor and Input Voltage Regulation Pins
hIMONa
IOUT/IIMONa
Ratio of VOUT Output Current to IIMONa Current, IOUT = 4A l
36
40
44
k
IOS(IMON)
IMONa Offset Current
IIMONa at IOUT = 0A
–5
5
µA
IMONb Resistor
Resistor Between IMONb and SGND
9.8
10
10.2
kΩ
VIMONa
IMONa Servo Voltage
IMONa Voltage During Output Current Regulation
l
1.9
2.0
2.1
V
VVINREG
VINREG Servo Voltage
VINREG Voltage During Output Current Regulation
l
1.8
2.0
2.2
V
IVINREG
VINREG Leakage Current
VINREG = 2V
1
nA
INTVCC Regulator
VINTVCC
Channel Internal VCC Voltage, No
INTVCC Loading (IINTVCC = 0mA)
3.6V ≤ SVIN ≤ 58V, EXTVCC = Open Circuit
5V ≤ SVIN ≤ 58V, 3.2V ≤ EXTVCC ≤ 26.5V
3.15
2.85
3.4
3.0
3.65
3.15
V
V
VEXTVCC(TH)
EXTVCC Switchover Voltage
(Note 4)
3.15
V
∆VINTVCC(LOAD)/
VINTVCC
INTVCC Load Regulation
0mA ≤ IINTVCC ≤ 30mA
–2
0.5
2
%
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com