Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4653 Datasheet(HTML) 5 Page - Linear Technology

  LTM4653 Datasheet HTML 1Page - Linear Technology LTM4653 Datasheet HTML 2Page - Linear Technology LTM4653 Datasheet HTML 3Page - Linear Technology LTM4653 Datasheet HTML 4Page - Linear Technology LTM4653 Datasheet HTML 5Page - Linear Technology LTM4653 Datasheet HTML 6Page - Linear Technology LTM4653 Datasheet HTML 7Page - Linear Technology LTM4653 Datasheet HTML 8Page - Linear Technology LTM4653 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTM4653
5
Rev 0
For more information www.analog.com
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). TA = 25°C, Test Circuit, VIN = SVIN = 48V, EXTVCC = 24V, RUN = 3.3V, RISET = 480k,
RfSET = 57.6kΩ, fSW = 1.5MHz (CLKIN driven with 1.2MHz clock signal) unless otherwise noted.
Note 1: Stresses beyond those listing under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating conditions for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4653 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4653E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls.The LTM4653I is guaranteed to meet specifications over the full
internal operating temperature range. Note that the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal resistance and other environmental factors.
Note 3: See output current derating curves for different VIN, VOUT, and TA,
located in the Applications Information section.
Note 4: Minimum on-time, VIN Overvoltage Lockout and Overvoltage
Lockout Hysteresis, and EXTVCC Switchover Threshold are tested at wafer
sort.
Note 5: To ensure minimum on time criteria is met, VOUT(0.5VDC) high-line
regulation is tested at 13.2VIN, with fSET and CLKIN open circuit. See the
Applications Information section.
Note 6. See Applications Information Section for Dropout Criteria.
Note 7. This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 8. The INTVCC Abs Max peak output current is specified as the sum
of current drawn by circuits internal to the module biased off of INTVCC
and current drawn by external circuits biased off of INTVCC. See the
Applications Information section.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Temperature Sensor
∆VTEMP
Temperature Sensor Forward Voltage,
VTEMP+ – VTEMP–
ITEMP+ = 100µA and ITEMP– = –100μA at TA = 25°C
0.6
V
TC∆V(TEMP)
∆VTEMP Temperature Coefficient
–2.0
mV/°C
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com