Electronic Components Datasheet Search
  English  ▼

X  

HT82V735 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V735
Description  330mW Stereo Audio Power Amp With Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V735 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V735 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
S/N
Signal to Noise Ratio
5V
VIN=1VRMS,RL=8
W¾
92
¾
dB
SR
Slew Rate
5V
¾¾
3
¾
V/
ms
ATT
Power-down Attenuation
5V
1kHz, 0dB
¾
70
¾
dB
Typical Performance Characteristics
THD+N vs. Output Power
HT82V735
Rev. 1.10
3
February 18, 2004
1 m
2 m
5 m
1 0 m
2 0 m
5 0 m
1 0 0 m
2 0 0 m
5 0 0 m
1
O u t p u t P o w e r ( W )
1 0
5
2
1
0 . 2
0 . 1
0 . 0 5
0 . 0 2
0 . 0 1
0 . 0 0 5
0 . 0 0 2
0 . 0 0 1
0 . 0 0 0 5
0 . 0 0 0 2
0 . 0 0 0 1
0 . 5
V D D = 5 V
F = 2 0 H z
A V = - 1
R L = 8 W
R L = 1 6 W
R L = 3 2 W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com