Electronic Components Datasheet Search
  English  ▼

X  

LTC3883 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3883
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 18Page - Linear Technology LTC3883 Datasheet HTML 19Page - Linear Technology LTC3883 Datasheet HTML 20Page - Linear Technology LTC3883 Datasheet HTML 21Page - Linear Technology LTC3883 Datasheet HTML 22Page - Linear Technology LTC3883 Datasheet HTML 23Page - Linear Technology LTC3883 Datasheet HTML 24Page - Linear Technology LTC3883 Datasheet HTML 25Page - Linear Technology LTC3883 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
LTM4676A
22
4676afa
For more information www.linear.com/LTM4676A
operaTion
POWER MODULE INTRODUCTION
The LTM4676A is a highly configurable dual 13A out-
put standalone nonisolated switching mode step-down
DC/DC power supply with built-in EEPROM NVM (non-
volatile memory) with ECC and I2C-based PMBus/SMBus
2-wire serial communication interface capable of 400kHz
SCL bus speed. Two output voltages can be regulated
(VOUT0, VOUT1—collectively, VOUTn) with a few external
input and output capacitors and pull-up resistors. Read-
back telemetry data of average input and output voltages
and currents, Channel PWM duty cycles, and module
temperatures are continually digitized cyclically by an
integrated 16-bit ADC (analog-to-digital converter). Many
fault thresholds and responses are customizable. Data can
be autonomously saved to EEPROM when a fault occurs,
and the resulting fault log can be retrieved over I2C at a
later time, for analysis.
The LTM4676A provides precisely regulated output volt-
ages between 0.6VDC to 5.5VDC (±0.5% above 1VDC,
±5mV below 1VDC). The target output voltage can be
set according to pin-strapping resistors (VOUTnCFG and
VTRIMnCFG pins), NVM/register settings, and altered on
the fly via the I2C interface. The output voltage can be
modified by the user at any time with a write to PMBus
VOUT_COMMAND. Executing this command has a typical
latencylessthan10ms.WritestoPMBusOPERATIONhave
a typical latency less than 1ms. The NVM factory-default
switchingfrequencyis500kHzandthephase-interleaving
angle between its two channels is 180°. Channel switch-
ing frequency, phase angle, and phase relationship with
respect to the falling edge of the SYNC pin waveform can
be configured according to a pin-strap resistor (FSWPHCFG
pin) and NVM/register settings—though, not on the fly
duringregulation.The7-bitI2Cslaveaddressofthemodule
defaultstothevalueretrievedfromMFR_ADDRESS[6:0]at
power-up (factory default: 0x4F), but the least significant
four bits of the address are set by resistor pin-strapping
the ASEL pin. Bits[6:4] of MFR_ADDRESS can be writ-
ten and stored to EEPROM. Between the ASEL resistor
pin-strapanduser-configurable MFS_ADDRESS[6:4],the
LTM4676A can take on any 7-bit slave address desired.
With the exception of the ASEL pin, the module can be
configured to ignore all pin-strap resistors, if desired
(see MFR_CONFIG_ALL[6]).
The LTM4676A is a pin-compatible replacement to the
LTM4676, with enhanced feature set.
n
Tighter output voltage regulation accuracy (total DC
error): ±0.5% rather than ±1%, for VOUTn ≥ 1V; ±5mV
rather than ±1%, for 0.6V ≤ VOUTn < 1V.
n
The module’s turn-on start-up time (see tSTART in the
Electrical Characteristics table) has been reduced to
35ms (40ms, maximum, over temperature).
n
VOUT0 and VOUT1 are both configurable for up to
5.5VOUT.
n
AnLTM4676AsynchronizingtoanexternalSYNCclock
can be configured for better fault tolerance, i.e., the
behavior of a “sync slave”-configured LTM4676A can
be set to automatically operate at its nominal target
switching frequency in the absence of a SYNC clock,
rather than operate at the lower-end of its PLL sync-
capture range.
n
MFR_ADC_CONTROL and MFR_ADC_TELEMETRY_
STATUSarenewcommands,enablingfastertelemetry
update rates—up to 125Hz in LTM4676A, compared
to 10Hz in LTM4676, nominal.
n
PMBuscompliancetoVersion1.2ofPartIandPartIIof
PMBusSpecificationsdocuments.TheLTM4676Asup-
ports the PAGE_PLUS_READ, PAGE_PLUS_WRITE
and SMBALERT_MASK commands.
n
Improved fault logging. See Appendix C, PMBus Com-
mand Details. EEPROM enhanced with ECC.
n
For parallel-output applications, the differential ampli-
fier sensing VOSNS0+/VOSNS0– can be used to regulate
the paralleled VOUT0 and VOUT1 outputs. VOSNS1 can
be connected to VOSNS0+ and SGND can be connected
to power GND local to the module rather than at the
point of load sensing-point, for routing convenience
(MFR_PWM_CONFIG[7]).
n
Any 7-bit slave address can be assigned to the
LTM4676A. Bits [6:4] of MFR_ADDRESS are user-
configurable and can be stored to EEPROM. The least
significant nibble of MFR_ADDRESS is assigned by
the resistor pin-strap setting on the ASEL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com