Electronic Components Datasheet Search
  English  ▼

X  

LTM4601 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4601
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 4Page - Linear Technology LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology LTM4601 Datasheet HTML 10Page - Linear Technology LTM4601 Datasheet HTML 11Page - Linear Technology LTM4601 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM8050
8
8050fc
For more information www.linear.com/LTM8050
Operating conditions are per Table 1 and
TA = 25°C, unless otherwise noted.
0
10
30
20
0
0.5
1.0
1.5
2.0
8050 G40
5VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum VIN vs Output Current
–12VOUT, BIAS = GND
Minimum VIN vs Output Current
–18VOUT, BIAS = GND
Minimum VIN vs Output Current
–24VOUT, BIAS = GND
Internal Temperature Rise vs
Output Current, 2.5VOUT
Internal Temperature Rise vs
Output Current, 3.3VOUT
Internal Temperature Rise vs
Output Current, 5VOUT
8050 G37
0
25
15
10
20
5
0
0.5
1.0
1.5
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
8050 G38
0
25
15
10
20
5
0
0.25
0.50
0.75
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
8050 G39
0
25
15
10
20
5
0
0.3
0.5
0.4
0.1
0.2
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
0
10
30
20
0
0.5
1.0
1.5
2.0
8050 G41
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
10
30
20
0
0.5
1.0
1.5
2.0
8050 G42
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com