Electronic Components Datasheet Search
  English  ▼

X  

LTM4601 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4601
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology LTM4601 Datasheet HTML 10Page - Linear Technology LTM4601 Datasheet HTML 11Page - Linear Technology LTM4601 Datasheet HTML 12Page - Linear Technology LTM4601 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM8050
9
8050fc
For more information www.linear.com/LTM8050
Operating conditions are per Table 1 and
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Internal Temperature Rise vs
Output Current, 24VOUT
Soft-Start Waveform for Various
CSS Values 1A Resistive Load,
DC1723A Demo Board
Output Ripple at 2A Load,
Standard DC1723A Demo Board
0
10
50
40
30
20
0
0.5
1.0
1.5
8050 G46
OUTPUT CURRENT (A)
36VIN
48VIN
58VIN
Internal Temperature Rise vs
Output Current, 8VOUT
Internal Temperature Rise vs
Output Current, 12VOUT
Internal Temperature Rise vs
Output Current, 18VOUT
0
10
40
30
20
0
0.5
1.0
1.5
2.0
8050 G43
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
10
40
30
20
0
0.5
1.0
1.5
2.0
8050 G44
OUTPUT CURRENT (A)
24VIN
36VIN
48VIN
0
10
40
30
20
0
0.5
1.0
1.5
8050 G45
OUTPUT CURRENT (A)
24VIN
36VIN
48VIN
1V/DIV
8050 G47
200µs/DIV
CSS = 0µF
CSS = 0.1µF
CSS = 0.47µF
RSS = 100k
10mV/DIV
8050 G48
1µs/DIV
FREE RUNNING
(400kHz)
600kHz SYNC
800kHz SYNC
REFER TO DC1723A DEMO MANUAL FOR
PROPER RIPPLE MEASUREMENT TECHNIQUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com