Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4604A
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4604A Datasheet HTML 9Page - Linear Technology LTM4604A Datasheet HTML 10Page - Linear Technology LTM4604A Datasheet HTML 11Page - Linear Technology LTM4604A Datasheet HTML 12Page - Linear Technology LTM4604A Datasheet HTML 13Page - Linear Technology LTM4604A Datasheet HTML 14Page - Linear Technology LTM4604A Datasheet HTML 15Page - Linear Technology LTM4604A Datasheet HTML 16Page - Linear Technology LTM4604A Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM8050
13
8050fc
For more information www.linear.com/LTM8050
APPLICATIONS INFORMATION
Table 1: Recommended Component Values and Configuration (TA = 25°C)
VIN RANGE
VOUT
VBIAS
CIN
COUT
RFB
fOPTIMAL
RT(OPTIMAL)
fMAX
RT(MIN)
3.6V to 58V
0.8V
2.8V to 25V
3× 4.7µF, 2220, 100V
3× 220µF, 1206, 4V
Open
110kHz
392k
125kHz
340k
3.6V to 58V
1V
2.8V to 25V
3× 4.7µF, 2220, 100V
3× 220µF, 1206, 4V
1.87M
110kHz
392k
125kHz
340k
3.6V to 58V
1.2V
2.8V to 25V
2× 4.7µF, 2220, 100V
3× 220µF, 1206, 4V
953k
125kHz
340k
150kHz
280k
3.6V to 58V
1.5V
2.8V to 25V
2× 4.7µF, 2220, 100V
2× 220µF, 1206, 4V
549k
150kHz
280k
180kHz
232k
3.6V to 58V
1.8V
2.8V to 25V
2× 4.7µF, 2220, 100V
2× 220µF, 1206, 4V
383k
180kHz
232k
215kHz
191k
4.1V to 58V
2.5V
2.8V to 25V
4.7µF, 2220, 100V
220µF, 1206, 4V
226k
230kHz
174k
270kHz
150k
5.3V to 58V
3.3V
AUX
4.7µF, 2220, 100V
220µF, 1206, 4V
154k
280kHz
140k
330kHz
118k
7.5V to 58V
5V
AUX
4.7µF, 2220, 100V
100µF, 1210, 6.3V
93.1k
400kHz
93.1k
460kHz
80.6k
10.5V to 58V
8V
AUX
4.7µF, 2220, 100V
47µF, 1210, 10V
54.9k
550kHz
64.9k
690kHz
49.9k
17V to 58V
12V
AUX
4.7µF, 2220, 100V
22µF, 1210, 16V
34.8k
600kHz
57.6k
750kHz
44.2k
24V to 58V
18V
2.8V to 25V
4.7µF, 2220, 100V
22µF, 1812, 25V
22.6k
760kHz
42.2k
850kHz
37.4k
34V to 58V
24V
2.8V to 25V
4.7µF, 2220, 100V
22µF, 1812, 25V
16.5k
900kHz
33.2k
960kHz
30.1k
9V to 24V
0.8V
VIN
4.7µF, 1206, 25V
2× 220µF, 1206, 4V
Open
150kHz
280k
300kHz
130k
9V to 24V
1V
VIN
4.7µF, 1206, 25V
2× 220µF, 1206, 4V
1.87M
180kHz
232k
345kHz
113k
9V to 24V
1.2V
VIN
4.7µF, 1206, 25V
2× 220µF, 1206, 4V
953k
230kHz
174k
400kHz
93.1k
9V to 24V
1.5V
VIN
4.7µF, 1206, 25V
220µF, 1206, 4V
549k
280kHz
140k
460kHz
80.6k
9V to 24V
1.8V
VIN
4.7µF, 1206, 25V
220µF, 1206, 4V
383k
330kHz
118k
500kHz
73.2k
9V to 24V
2.5V
VIN
4.7µF, 1206, 25V
100µF, 1210, 6.3V
226k
345kHz
113k
600kHz
57.6k
9V to 24V
3.3V
AUX
4.7µF, 1206, 25V
100µF, 1210, 6.3V
154k
425kHz
88.7k
650kHz
52.3k
9V to 24V
5V
AUX
4.7µF, 1206, 25V
47µF, 1210, 10V
93.1k
500kHz
73.2k
700kHz
48.7k
10.5V to 24V
8V
AUX
4.7µF, 1206, 25V
47µF, 1210, 10V
54.9k
600kHz
57.6k
750kHz
44.2k
17V to 24V
12V
AUX
2.2µF, 1206, 50V
22µF, 1210, 16V
34.8k
760kHz
42.2k
850kHz
36.5k
18V to 36V
0.8V
2.8V to 25V
1µF, 1206, 50V
3× 220µF, 1206, 4V
Open
100kHz
432k
200kHz
205k
18V to 36V
1V
2.8V to 25V
1µF, 1206, 50V
3× 220µF, 1206, 4V
1.87M
120kHz
357k
250kHz
162k
18V to 36V
1.2V
2.8V to 25V
1µF, 1206, 50V
2× 220µF, 1206, 4V
953k
140kHz
301k
270kHz
150k
18V to 36V
1.5V
2.8V to 25V
1µF, 1206, 50V
2× 220µF, 1206, 4V
549k
180kHz
232k
300kHz
130k
18V to 36V
1.8V
2.8V to 25V
1µF, 1206, 50V
220µF, 1206, 4V
383k
220kHz
187k
350kHz
110k
18V to 36V
2.5V
2.8V to 25V
1µF, 1206, 50V
100µF, 1210, 6.3V
226k
300kHz
130k
425kHz
88.7k
18V to 36V
3.3V
AUX
1µF, 1206, 50V
100µF, 1210, 6.3V
154k
345kHz
113k
550kHz
64.9k
18V to 36V
5V
AUX
1µF, 1206, 50V
47µF, 1210, 10V
93.1k
425kHz
88.7k
800kHz
38.3k
18V to 36V
8V
AUX
2.2µF, 1206, 50V
22µF, 1210, 16V
54.9k
550kHz
64.9k
1.03MHz
25.5k
18V to 36V
12V
AUX
2.2µF, 1206, 50V
22µF, 1210, 16V
34.8k
760kHz
42.2k
1.03MHz
25.5k
24V to 36V
18V
2.8V to 25V
2.2µF, 1206, 50V
22µF, 1812, 25V
22.6k
800kHz
38.3k
1.03MHz
25.5k
18V to 58V
0.8V
2.8V to 25V
1µF, 1206, 100V
3× 220µF, 1206, 4V
Open
100kHz
432k
125kHz
340k
18V to 58V
1V
2.8V to 25V
1µF, 1206, 100V
3× 220µF, 1206, 4V
1.87M
100kHz
432k
125kHz
340k
18V to 58V
1.2V
2.8V to 25V
1µF, 1206, 100V
3× 220µF, 1206, 4V
953k
100kHz
432k
150kHz
280k
18V to 58V
1.5V
2.8V to 25V
1µF, 1206, 100V
2× 220µF, 1206, 4V
549k
110kHz
392k
180kHz
232k
18V to 58V
1.8V
2.8V to 25V
1µF, 1206, 100V
2× 220µF, 1206, 4V
383k
125kHz
340k
215kHz
191k
18V to 58V
2.5V
2.8V to 25V
1µF, 1206, 100V
220µF, 1206, 4V
226k
180kHz
232k
270kHz
150k
18V to 58V
3.3V
AUX
1µF, 1206, 100V
100µF, 1210, 6.3V
154k
280kHz
140k
330kHz
118k
18V to 58V
5V
AUX
1µF, 1206, 100V
100µF, 1210, 6.3V
93.1k
400kHz
93.1k
460kHz
80.6k
18V to 58V
8V
AUX
2.2µF, 1206, 100V
47µF, 1210, 10V
54.9k
550kHz
64.9k
690kHz
49.9k
18V to 58V
12V
AUX
2.2µF, 1206, 100V
22µF, 1210, 16V
34.8k
600kHz
57.6k
960kHz
30.1k
2.5V to 54.7V
–3.3V
AUX
2× 4.7µF, 2220, 100V
100µF, 1210, 6.3V
154k
300kHz
130k
330kHz
118k
3.3V to 53V
–5V
AUX
4.7µF, 2220, 100V
100µF, 1210, 6.3V
93.1k
400kHz
93.1k
460kHz
80.6k
3.3V to 50V
–8V
AUX
4.7µF, 2220, 100V
47µF, 1210, 10V
54.9k
550kHz
64.9k
690kHz
49.9k
4.5V to 46V
–12V
AUX
4.7µF, 2220, 100V
47µF, 1210, 16V
34.8k
600kHz
57.6k
750kHz
44.2k
6V to 40V
–18V
2.8V to 25V
4.7µF, 2220, 100V
22µF, 1812, 25V
22.6k
760kHz
42.2k
850kHz
37.4k
10V to 34V
–24V
2.8V to 25V
4.7µF, 2220, 100V
22µF, 1812, 25V
16.5k
900kHz
33.2k
960kHz
30.1k
Note: Do not allow VIN + BIAS to exceed 72V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com