Electronic Components Datasheet Search
  English  ▼

X  

LTM4604A Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4604A
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604A Datasheet(HTML) 2 Page - Linear Technology

  LTM4604A Datasheet HTML 1Page - Linear Technology LTM4604A Datasheet HTML 2Page - Linear Technology LTM4604A Datasheet HTML 3Page - Linear Technology LTM4604A Datasheet HTML 4Page - Linear Technology LTM4604A Datasheet HTML 5Page - Linear Technology LTM4604A Datasheet HTML 6Page - Linear Technology LTM4604A Datasheet HTML 7Page - Linear Technology LTM4604A Datasheet HTML 8Page - Linear Technology LTM4604A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM8050
2
8050fc
For more information www.linear.com/LTM8050
ABSOLUTE MAXIMUM RATINGS
VIN, RUN/SS Voltage.................................................60V
FB, RT, SHARE Voltage ...............................................5V
VOUT, AUX.................................................................25V
PGOOD, SYNC, BIAS.................................................25V
VIN + BIAS.................................................................72V
Maximum Junction Temperature (Note 2) ............ 125°C
Solder Temperature............................................... 245°C
Storage Temperature............................................. 125°C
(Notes 1, 3)
ORDER INFORMATION
PIN CONFIGURATION
GND
1
A
B
C
BANK 1
BANK 2
BANK 3
D
E
F
G
H
J
K
L
2
3
4
TOP VIEW
BGA PACKAGE
70-PIN (15mm
× 9mm × 4.92mm)
5
6
7
VOUT
VIN
RT
SHARE
PGOOD
FB
SYNC
RUN/SS
AUX
BIAS
TJMAX = 125°C, θJA = 24.4°C/W, θJC(BOTTOM) = 11.5°C/W,
θJC(TOP) = 42.7°C/W, θJB = 18.7°C/W
θ VALUES DETERMINED PER JESD51-9, MAX OUTPUT POWER
WEIGHT = 1.8 GRAMS
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM8050EY#PBF
SAC305 (RoHS)
LTM8050Y
e1
BGA
3
–40°C to 125°C
LTM8050IY#PBF
SAC305 (RoHS)
LTM8050Y
e1
BGA
3
–40°C to 125°C
LTM8050IY
SnPb (63/37)
LTM8050Y
e0
BGA
3
–40°C to 125°C
LTM8050MPY#PBF
SAC305 (RoHS)
LTM8050Y
e1
BGA
3
–55°C to 125°C
LTM8050MPY
SnPb (63/37)
LTM8050Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging
http://www.linear.com/product/LTM8050#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com