Electronic Components Datasheet Search
  English  ▼

X  

LTM4606 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4606
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4606 Datasheet HTML 3Page - Linear Technology LTM4606 Datasheet HTML 4Page - Linear Technology LTM4606 Datasheet HTML 5Page - Linear Technology LTM4606 Datasheet HTML 6Page - Linear Technology LTM4606 Datasheet HTML 7Page - Linear Technology LTM4606 Datasheet HTML 8Page - Linear Technology LTM4606 Datasheet HTML 9Page - Linear Technology LTM4606 Datasheet HTML 10Page - Linear Technology LTM4606 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM8050
7
8050fc
For more information www.linear.com/LTM8050
Operating conditions are per Table 1 and
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum VIN vs Output Current
3.3VOUT, BIAS = VOUT
Minimum VIN vs Output Current
5VOUT, BIAS = VOUT
Minimum VIN vs Output Current
8VOUT, BIAS = VOUT
Minimum VIN vs Output Current
12VOUT, BIAS = VOUT
Minimum VIN vs Output Current
18VOUT, BIAS = VOUT
Minimum VIN vs Output Current
24VOUT, BIAS = 5V
Minimum VIN vs Output Current
–3.3VOUT, BIAS = GND
Minimum VIN vs Output Current
–5VOUT, BIAS = GND
Minimum VIN vs Output Current
–8VOUT, BIAS = GND
3.0
6.0
4.5
4.0
5.5
5.0
3.5
0
0.5
1.0
1.5
2.0
8050 G28
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
7.05
7.55
7.10
7.15
7.20
7.25
7.30
7.35
7.40
7.45
7.50
0
0.5
1.0
1.5
2.0
8050 G29
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
7.5
12.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0
0.5
1.0
1.5
2.0
8050 G30
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
11
17
14
13
16
15
12
0
0.5
1.0
1.5
2.0
8050 G31
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
0
0.5
1.0
1.5
8050 G32
OUTPUT CURRENT (A)
19
26
25
24
23
22
21
20
25
35
26
27
28
29
30
31
32
33
34
0
0.5
1.0
1.5
8050 G33
OUTPUT CURRENT (A)
8050 G34
0
30
15
10
25
20
5
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
8050 G35
0
25
15
10
20
5
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN
8050 G36
0
25
15
10
20
5
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com