Electronic Components Datasheet Search
  English  ▼

X  

LTM4606 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4606
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4606 Datasheet HTML 10Page - Linear Technology LTM4606 Datasheet HTML 11Page - Linear Technology LTM4606 Datasheet HTML 12Page - Linear Technology LTM4606 Datasheet HTML 13Page - Linear Technology LTM4606 Datasheet HTML 14Page - Linear Technology LTM4606 Datasheet HTML 15Page - Linear Technology LTM4606 Datasheet HTML 16Page - Linear Technology LTM4606 Datasheet HTML 17Page - Linear Technology LTM4606 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM8050
14
8050fc
For more information www.linear.com/LTM8050
APPLICATIONS INFORMATION
Table 2. Switching Frequency vs RT Value
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.1
432
0.2
215
0.3
137
0.4
93.1
0.5
73.2
0.6
57.6
0.7
51.1
0.8
38.3
0.9
33.2
1
32.4
1.2
24.9
1.4
20
1.6
16.2
1.8
14
2
11
2.2
8.06
2.4
7.15
Operating Frequency Trade-offs
It is recommended that the user apply the optimal RT
value given in Table 1 for the input and output operating
condition. System level or other considerations, however,
may necessitate another operating frequency. While the
LTM8050 is flexible enough to accommodate a wide range
of operating frequencies, a haphazardly chosen one may
result in undesirable operation under certain operating or
fault conditions. A frequency that is too high can reduce
efficiency, generate excessive heat or even damage the
LTM8050 if the output is overloaded or short circuited. A
frequencythatistoolowcanresultinafinaldesignthathas
too much output ripple or too large of an output capacitor.
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the internal
power switching stage and operate other internal circuitry.
Forproperoperation,itmustbepoweredbyatleast2.8V.If
the output voltage is programmed to 2.8V or higher, BIAS
may be simply tied to AUX. If VOUT is less than 2.8V, BIAS
can be tied to VIN or some other voltage source. If the BIAS
pin voltage is too high, the efficiency of the LTM8050 may
suffer.TheoptimumBIASvoltageisdependentuponmany
factors, such as load current, input voltage, output voltage
and switching frequency, but 4V to 5V works well in many
applications.Inallcases,ensurethatthemaximumvoltage
at the BIAS pin is less than 25V and that the sum of VIN
and BIAS is less than 72V. If BIAS power is applied from
a remote or noisy voltage source, it may be necessary to
apply a decoupling capacitor locally to the pin.
Load Sharing
Two or more LTM8050’s may be paralleled to produce
highercurrents.Todothis,tietheVIN,FB,VOUTandSHARE
pins of all the paralleled LTM8050’s together. To ensure
thatparalleledmodulesstartuptogether,theRUN/SSpins
may be tied together, as well. If the RUN/SS pins are not
tied together, make sure that the same valued soft-start
capacitors are used for each module. Current sharing
can be improved by synchronizing the LTM8050s. An
example of two LTM8050s configured for load sharing is
given in the Typical Applications section. When n number
of units are connected for parallel operation and a single
feedback resistor is used for all of them, the equation for
the feedback resistor is:
RFB =
394.21
N VOUT –0.79
(
)
kΩ
Burst Mode Operation
To enhance efficiency at light loads, the LTM8050 auto-
matically switches to Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizingtheinputquiescentcurrent.DuringBurstMode
operation, the LTM8050 delivers single cycle bursts of
current to the output capacitor followed by sleep periods
wheretheoutputpowerisdeliveredtotheloadbytheoutput
capacitor. In addition, VINandBIASquiescentcurrentsare
each reduced to microamps during the sleep time. As the
load current decreases towards a no load condition, the
percentage of time that the LTM8050 operates in sleep
mode increases and the average input current is greatly
reduced, resulting in higher efficiency.
Burst Mode operation is enabled by tying SYNC to GND.
To disable Burst Mode operation, tie SYNC to a stable
voltage above 0.7V. Do not leave the SYNC pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com