Electronic Components Datasheet Search
  English  ▼

X  

LTM8021 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8021
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM8053
11
8053fc
For more information www.linear.com/LTM8053
Derating, VOUT =–12V, BIAS
tied to LTM8053 GND, DC1934A
Demo Board
Derating, VOUT =–15V, BIAS
tied to LTM8053 GND, DC1934A
Demo Board
0 LFM
12VIN
24VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
8053 G62
0 LFM
12VIN
24VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
8053 G63
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
5VOUT, 3.5A Load
14VIN, fSW = 1MHz
Class B Limit
FREQUENCY (MHz)
0
200
400
600
800
1000
–5
5
15
25
35
45
55
8053 G64
CISPR32 Class B Emissions
DC1934A Demo Board, No EMI Filter
(C10 = 0.1µF, Short L1, Open C7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com