Electronic Components Datasheet Search
  English  ▼

X  

LTM8021 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM8021
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology LTM8021 Datasheet HTML 16Page - Linear Technology LTM8021 Datasheet HTML 17Page - Linear Technology LTM8021 Datasheet HTML 18Page - Linear Technology LTM8021 Datasheet HTML 19Page - Linear Technology LTM8021 Datasheet HTML 20Page - Linear Technology LTM8021 Datasheet HTML 21Page - Linear Technology LTM8021 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM8053
18
8053fc
For more information www.linear.com/LTM8053
APPLICATIONS INFORMATION
current surges on the input supply. During the soft-start
ramp the output voltage will proportionally track the TR/
SS pin voltage. For output tracking applications, TR/SS
can be externally driven by another voltage source. From
0V to 0.97V, the TR/SS voltage will override the internal
0.97V reference input to the error amplifier, thus regulat-
ing the FB pin voltage to that of the TR/SS pin. When TR/
SS is above 0.97V, tracking is disabled and the feedback
voltage will regulate to the internal reference voltage. The
TR/SS pin may be left floating if the function is not needed.
An active pull-down circuit is connected to the TR/SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the RUN pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Prebiased Output
As discussed in the Output Voltage Tracking and Soft-
Start section, the LTM8053 regulates the output to the
FB voltage determined by the TR/SS pin whenever TR/
SS is less than 0.97V. If the LTM8053 output is higher
than the target output voltage, the LTM8053 will attempt
to regulate the output to the target voltage by returning a
small amount of energy back to the input supply. If there
is nothing loading the input supply, its voltage may rise.
Take care that it does not rise so high that the input voltage
exceeds the absolute maximum rating of the LTM8053.
Frequency Foldback
The LTM8053 is equipped with frequency foldback which
actstoreducethethermalandenergystressontheinternal
power elements during a short-circuit or output overload
condition. If the LTM8053 detects that the output has
fallenoutofregulation,theswitchingfrequencyisreduced
as a function of how far the output is below the target
voltage. This in turn limits the amount of energy that can
be delivered to the load under fault. During the start-up
time, frequency foldback is also active to limit the energy
delivered to the potentially large output capacitance of
the load. When a clock is applied to the SYNC pin, the
SYNC pin is floated or held high, the frequency foldback
is disabled and the switching frequency will slow down
only during overcurrent conditions.
Synchronization
To select low ripple Burst Mode operation, tie the SYNC
pin below about 0.4V (this can be ground or a logic low
output). To synchronize the LTM8053 oscillator to an
external frequency connect a square wave (with about
20% to 80% duty cycle) to the SYNC pin. The square
wave amplitude should have valleys that are below 0.4V
and peaks above 1.5V.
The LTM8053 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
insteadwillpulseskiptomaintainregulation.TheLTM8053
maybesynchronizedovera200kHzto3MHzrange.TheRT
resistor should be chosen to set the LTM8053 switching
frequency equal to or below the lowest synchronization
input. For example, if the synchronization signal will be
500kHz and higher, the RT should be selected for 500kHz.
For some applications it is desirable for the LTM8053 to
operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. The first is that the
clock stays awake at all times and all switching cycles
are aligned to the clock. Second is that full switching
frequency is reached at lower output load than in Burst
Modeoperation.Thesetwodifferencescomeattheexpense
of increased quiescent current. To enable pulse-skipping
mode, the SYNC pin is floated.
The LTM8053 features spread spectrum operation to
further reduce EMI/EMC emissions. To enable spread
spectrum operation, apply between 2.9V and 4.2V to the
SYNC pin. In this mode, triangular frequency modulation
is used to vary the switching frequency between the value
programmed by RT to about 20% higher than that value.
Themodulationfrequencyisabout3kHz.Forexample,when
the LTM8053 is programmed to 2MHz, the frequency will
vary from 2MHz to 2.4MHz at a 3kHz rate. When spread
spectrum operation is selected, Burst Mode operation is
disabled, and the part will run in pulse-skipping mode.
TheLTM8053doesnotoperateinforcedcontinuousmode
regardless of SYNC signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com