Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM8032
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 15Page - Linear Technology LTM8032 Datasheet HTML 16Page - Linear Technology LTM8032 Datasheet HTML 17Page - Linear Technology LTM8032 Datasheet HTML 18Page - Linear Technology LTM8032 Datasheet HTML 19Page - Linear Technology LTM8032 Datasheet HTML 20Page - Linear Technology LTM8032 Datasheet HTML 21Page - Linear Technology LTM8032 Datasheet HTML 22Page - Linear Technology LTM8032 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM8053
19
8053fc
For more information www.linear.com/LTM8053
Figure 1a. The LTM8053 Can Be Used to Generate a
Negative Voltage
APPLICATIONS INFORMATION
Negative Output
The LTM8053 is capable of generating a negative output
voltage by connected its VOUT to system GND and the
LTM8053 GND to the negative voltage rail. An example
of this is shown in the Typical Applications section. The
most versatile way to generate a negative output is to
use a dedicated regulator that was designed to generate
a negative voltage, but using a buck regulator like the
LTM8053 to generate a negative voltage is a simple and
cost effective solution, as long as certain restrictions are
kept in mind.
Note that this configuration requires that any load current
transient will directly impress the transient voltage onto
the LTM8053 GND, as shown in Figure 1b, so fast load
transients can disrupt the LTM8053’s operation or even
cause damage. Carefully evaluate whether the negative
buck configuration is suitable for the application.
Figure 1a shows a typical negative output voltage appli-
cation. Note that LTM8053 VOUT is tied to system GND
and input power is applied from VIN to LTM8053 VOUT.
As a result, the LTM8053 is not behaving as a true buck
regulator, and the maximum output current is depends
upon the input voltage. In the example shown in the Typi-
cal Applications section, there is an attending graph that
shows how much current the LTM8053 deliver for given
input voltages.
NEGATIVE
OUTPUT VOLTAGE
LTM8053
VOUT
VIN
8053 F01a
GND
VIN
FAST LOAD
TRANSIENT
OUTPUT
TRANSIENT
RESPONSE
LTM8053
VOUT
VIN
8053 F01b
GND
VIN
FAST VIN
TRANSIENT
OUTPUT EXPERIENCES
A POSITIVE TRANSIENT
LTM8053
VOUT
VIN
8053 F01c
GND
COUT
CIN
OPTIONAL
SCHOTTKY
DIODE
AC DIVIDER
VIN
Figure 1b. Any Output Voltage Transient Appears on
LTM8053 GND
Figure 1c. A Schottky Diode Can Limit the Transient
Caused by a Fast Rising VIN to Safe Levels
TheCINandCOUTcapacitorsinfigure1cformanACdivider
at the negative output voltage node. If VIN is hot-plugged
or rises quickly, the resultant VOUT will be a positive tran-
sient, which may be unhealthy for the application load.
An antiparallel Schottky diode may be able to prevent
this positive transient from damaging the load. The loca-
tion of this Schottky diode is important. For example, in
a system where the LTM8053 is far away from the load,
placing the Schottky diode closest to the most sensitive
load component may be the best design choice. Carefully
evaluatewhetherthenegativebuckconfigurationissuitable
for the application. When generating a negative output,
connect BIAS to LTM8053 GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com