Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM8032
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 19Page - Linear Technology LTM8032 Datasheet HTML 20Page - Linear Technology LTM8032 Datasheet HTML 21Page - Linear Technology LTM8032 Datasheet HTML 22Page - Linear Technology LTM8032 Datasheet HTML 23Page - Linear Technology LTM8032 Datasheet HTML 24Page - Linear Technology LTM8032 Datasheet HTML 25Page - Linear Technology LTM8032 Datasheet HTML 26Page - Linear Technology LTM8032 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM8053
23
8053fc
For more information www.linear.com/LTM8053
TYPICAL APPLICATIONS
15VOUT from 19.5VIN to 40VIN Step-Down Converter. BIAS Is Tied to AUX
1.2VOUT from 3.4VIN to 40VIN Step-Down Converter. BIAS Is Tied to an External 3.3V Source
2.5VOUT from 4VIN to 15VIN Step-Down Converter. BIAS Is Tied to VIN
4.7µF
100µF
158k
LTM8053
VOUT
RUN
VOUT
2.5V
3.5A
VIN
VIN
4V TO 15V
FB
GND
BIAS
SYNC
8053 TA04
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE, AUX
56.2k
750kHz
RT
4.7µF
22µF
25.5k
1.5MHz
16.9k
LTM8053
VOUT
FB
AUX
BIAS
VOUT
15V
2A
VIN
VIN
19.5V TO 40V
GND
RUN
SYNC
RT
SHARE
8053 TA02
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
47pF
4.7µF
EXT 3.3V
100µF
×2
47pf
1.05M
LTM8053
VOUT
AUX
VOUT
1.2V
4A
VIN
VIN
3.4V TO 40V
FB
GND
RUN
SYNC
8053 TA03
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
78.7k
550kHz
RT
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com