Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM8053
15
8053fc
For more information www.linear.com/LTM8053
APPLICATIONS INFORMATION
For most applications, the design process is straight-
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RFB and RT values.
3. Apply the CFF (from AUX to FB) or CSHARE (from SHARE
to GND) capacitors as required.
4. Connect BIAS as indicated.
Whilethesecomponentcombinationshavebeentestedfor
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current is limited by junction temperature, the
relationship between the input and output voltage mag-
nitude and polarity and other factors. Please refer to the
graphs in the Typical Performance Characteristics section
for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8053 should be allowed to switch is given
in Table 1 in the Maximum fSW column, while the recom-
mended frequency (and RT value) for optimal efficiency
over the given input condition is given in the fSW column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN
VOUT
RFB
CIN2
COUT
CFF
CSHARE
BIAS
fSW
RT
MAX fSW MINRT
3.4V to 40V
0.97V
Open
4.7µF 50V 1206 X5R 2x 100µF 4V 0805 X5R 47pF
5V
450kHz 100k 675kHz 63.4k
3.4V to 40V
1.2V
1.05M 4.7µF 50V 1206 X5R 2x 100µF 4V 0805 X5R 47pF
5V
550kHz 78.7k 850kHz 49.9k
3.4V to 40V
1.5V
464k
4.7µF 50V 1206 X5R 100µF 4V 0805 X5R
27pF
5V
600kHz 71.5k 1.1MHz 36.5k
3.4V to 40V
1.8V
294k
4.7µF 50V 1206 X5R 100µF 4V 0805 X5R
10pF
5V
600kHz 71.5k 1.3MHz 30.9k
3.4V to 40V
2V
237k
4.7µF 50V 1206 X5R 100µF 4V 0805 X5R
5V
650kHz 64.9k 1.4MHz
28k
4V to 40V1
2.5V
158k
4.7µF 50V 1206 X5R 100µF 4V 0805 X5R
5V
750kHz 56.2k 1.8MHz 20.5k
5V to 40V1
3.3V
102k
4.7µF 50V 1206 X5R 100µF 4V 0805 X5R
5V
850kHz 48.7k 2.3MHz 14.7k
7V to 40V1
5V
60.4k
4.7µF 50V 1206 X5R 100µF 6.3V 1206 X5R
5V
1MHz
40.2k
3MHz
10.7k
11V to 40V1
8V
34k
4.7µF 50V 1206 X5R 47µF 10V 1210 X7R
5V
1.2MHz 33.2k
3MHz
10.7k
16V to 40V1
12V
21.5k
4.7µF 50V 1206 X5R 22µF 16V 1210 X5S
5V
1.5MHz 25.5k
3MHz
10.7k
19.5V to 40V1
15V
16.9k
4.7µF 50V 1206 X5R 22µF 16V 1210 X5S
47pF
5V
1.5MHz 25.5k
3MHz
10.7k
4.5V to 25V1
–15V
16.9k
4.7µF 50V 1206 X5R 22µF 16V 1210 X5S
47pF
LTM8053 GND 1.5MHz 25.5k
3MHz
10.7k
3.4V to 28V1
–12V
21.5k
4.7µF 50V 1206 X5R 22µF 16V 1210 X5S
LTM8053 GND 1.5MHz 25.5k
3MHz
10.7k
3.4V to 32V1
–8V
34k
4.7µF 50V 1206 X5R 47µF 10V 1210 X7R
LTM8053 GND 1.2MHz 33.2k
3MHz
10.7k
3.4V to 35V1
–5V
60.4k
4.7µF 50V 1206 X5R 100µF 6.3V 1206 X5R
LTM8053 GND
1MHz
40.2k
3MHz
10.7k
3.4V to 36V1
–3.3
102k
4.7µF 50V 1206 X5R 100µF 4V 0805 X5R
LTM8053 GND 850kHz 48.7k 2.3MHz 14.7k
Note 1: The LTM8053 may be capable of lower input voltages but may skip switching cycles.
Note 2: An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com