Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM8053
28
8053fc
For more information www.linear.com/LTM8053
LINEAR TECHNOLOGY CORPORATION 2016
LT 1217 REV C • PRINTED IN USA
www.linear.com/LTM8053
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM8003
40V, 3.5A H-Grade (150°C Operation),
FMEA Compliant Pinout
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V, IOUT = 3.5A, 6.25mm × 9mm × 3.32mm
BGA Package
LTM8021
36V, 500mA Step-Down µModule
Regulator
3V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 5V
LTM8023
36V, 2A Step-Down µModule Regulator 3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V
LTM8032
36V, 2A Low EMI Step-Down µModule
Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, EN55022B Compliant
LTM8033
36V, 3A Low EMI Step-Down µModule
Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, EN55022B Compliant
LTM8026
36V, 5A CVCC Step-Down µModule
Regulator
6V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 24V, Constant Voltage Constant Current Operation
LTM4613
36V, 8A Low EMI Step-Down µModule
Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, EN55022B Compliant
LTM8027
60V, 4A Step-Down µModule Regulator 4.5V ≤ VIN ≤ 60V, 2.5V ≤ VOUT ≤ 24V
LTM8050
58V, 2A Step-Down µModule Regulator 3.6V ≤ VIN ≤ 58V, 0.8V ≤ VOUT ≤ 24V
0.97VOUT from 3.4VIN to 40VIN Step-Down Converter with Spread Spectrum. BIAS Is Tied to an External 3.3V Source
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
4.7µF
100µF
×2
47pF
LTM8053
VOUT
FB
AUX
VOUT
0.97V
4A
VIN
VIN
3.4V TO 40V
EXT 3.3V
GND
RUN
RT
8053 TA07
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
100k
450kHz
BIAS
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com